Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY33 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ZPY33
Description  Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZPY33 Datasheet(HTML) 2 Page - Vishay Siliconix

  ZPY33 Datasheet HTML 1Page - Vishay Siliconix ZPY33 Datasheet HTML 2Page - Vishay Siliconix ZPY33 Datasheet HTML 3Page - Vishay Siliconix ZPY33 Datasheet HTML 4Page - Vishay Siliconix ZPY33 Datasheet HTML 5Page - Vishay Siliconix ZPY33 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85790
Rev. 1.6, 07-Aug-06
ZPY3V9 to ZPY100
Vishay Semiconductors
Electrical Characteristics
1) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
2) Tested with pulses tp = 5 ms
Partnumber
Zener Voltage
Range2)
Dynamic
Resistance
Temperature
Coefficient of
Zener Voltage
Test
Current
Reverse Voltage
Admissible Zener
Current1)
VZ at IZT
rzj at IZT1,
f = 1 kHz
TCVZ at IZT
IZT
VR at IR = 0.5 µA
IZ at Tamb = 25 °C
V
Ω
10-4/°C
mA
V
mA
min
max
typ
min
max
ZPY3V9
3.7
4.1
4 (< 7)
- 7
2
100
-
290
ZPY4V3
4.0
4.6
4 (< 7)
- 7
3
100
-
260
ZPY4V7
4.4
5.0
4 (< 7)
- 7
4
100
-
235
ZPY5V1
4.8
5.4
2 (< 5)
- 6
5
100
> 0.7
215
ZPY5V6
5.2
6.0
1 (< 2)
- 3
5
100
> 1.5
193
ZPY6V2
5.8
6.6
1 (< 2)
- 1
6
100
> 2.0
183
ZPY6V8
6.4
7.2
1 (< 2)
0
7
100
> 3.0
157
ZPY7V5
7.0
7.9
1 (< 2)
0
7
100
> 5.0
143
ZPY8V2
7.7
8.7
1 (< 2)
3
8
100
> 6.0
127
ZPY9V1
8.5
9.6
2 (< 4)
3
8
50
> 7.0
117
ZPY10
9.41
10.6
2 (< 4)
5
9
50
> 7.5
105
ZPY11
10.4
11.6
3 (< 7)
5
10
50
> 8.5
94
ZPY12
11.4
12.7
3 (< 7)
5
10
50
> 9.0
85
ZPY13
12.4
14.1
4 (< 9)
5
10
50
> 10
78
ZPY15
13.8
15.8
4 (< 9)
5
10
50
> 11
70
ZPY16
15.3
17.1
5 (< 10)
7
11
25
> 12
63
ZPY18
16.8
19.1
5 (< 11)
7
11
25
> 14
57
ZPY20
18.8
21.2
6 (< 12)
7
11
25
> 15
52
ZPY22
20.8
23.3
7 (< 13)
7
11
25
> 17
48
ZPY24
22.8
25.6
8 (< 14)
7
12
25
> 18
42
ZPY27
25.1
28.9
9 (< 15)
7
12
25
> 20
38
ZPY30
28
32
10 (< 20)
7
12
25
> 22.5
35
ZPY33
31
35
11 (< 20)
7
12
25
> 25
31
ZPY36
34
38
25 (< 60)
7
12
10
> 27
29
ZPY39
37
41
30 (< 60)
8
12
10
> 29
26
ZPY43
40
46
35 (< 80)
8
13
10
> 32
24
ZPY47
44
50
40 (< 80)
8
13
10
> 35
22
ZPY51
48
54
45 (< 100)
8
13
10
> 38
20
ZPY56
52
60
50 (< 100)
8
13
10
> 42
18
ZPY62
58
66
60 (< 130)
8
13
10
> 47
16
ZPY68
64
72
65 (< 130)
8
13
10
> 51
14
ZPY75
70
79
70 (< 160)
8
13
10
> 56
13
ZPY82
77
88
80 (< 160)
8
13
10
> 61
12
ZPY91
85
96
120 (< 250)
9
13
5
> 68
11
ZPY100
94
106
130 (< 250)
9
13
5
> 75
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com