Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z201250R00DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Z201250R00DB
Description  Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Z201250R00DB Datasheet(HTML) 1 Page - Vishay Siliconix

  Z201250R00DB Datasheet HTML 1Page - Vishay Siliconix Z201250R00DB Datasheet HTML 2Page - Vishay Siliconix Z201250R00DB Datasheet HTML 3Page - Vishay Siliconix Z201250R00DB Datasheet HTML 4Page - Vishay Siliconix Z201250R00DB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Z201 (Z-Foil)
Vishay Foil Resistors
Document Number: 63113
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 19-Apr-07
1
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C,
PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 %
and Load Life Stability of ± 0.005 %
INDUSTRY BREAKTHROUGH
Any value at any tolerance available within resistance rage
INTRODUCTION
The Z201 (0.150" lead spacing) and Z201L (0.200" lead
spacing) Bulk Metal® Z-Foil resistors represent an industry
breakthrough. This is the 3rd in a series of ultra-precision
resistors since the first Bulk Metal® Foil resistor was
introduced by Vishay in 1962. Each represents an
improvement on the earlier model. The TCR slope of the
Z201 is 0.2 ppm/
°C (- 55 °C to + 125 °C, + 25 °C Ref.) and is
an order of magnitude better than the original S102C. The
Bulk Metal® Z-Foil resistor is the ultimate choice in the most
demanding analog applications.
The Z-Foil technology provides a significant reduction of the
resistive component’s sensitivity to ambient temperature
variations (TCR) and applied power changes (PCR).
Designers can now guarantee a high degree of stability and
accuracy in fixed-resistor applications using solutions based
on Vishay’s revolutionary Z-Foil technology.
Our Application Engineering Department is available to
advise and to make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature Coefficient of Resistance (TCR):
± 0.05 ppm/°C typical (0 °C to + 60 °C)
± 0.2 ppm/°C typical (-55 °C to + 125 °C,
+ 25 °C Ref.)
• Power Coefficient of Resistance “ΔR due to self
heating”: ± 5 ppm at Rated Power
• Rated Power: 0.6 W at 70 °C
0.3 W at 125 °C
• Resistance Tolerance: to ± 0.005 %
• Load Life Stability: to ± 0.005 % at 70 °C, 2000 hours at
Rated Power
• Resistance Range: 10 Ω to 100 kΩ (higher or lower Values
of Resistance available)
• Electrostatic Discharge (ESD) above 25 000 Volts
• Non Inductive, Non Capacitive Design
• Rise Time: 1.0 ns without ringing
• Current Noise: 0.01: - 40 dB
• Thermal EMF: 0.1 µV/°C Max.
0.05 µV/°C typical
• Voltage Coefficient: < 0.1 ppm/V
• Non Inductive: 0.08 µH
• Terminal Finishes available: Lead (Pb)-free
Tin/Lead Alloy
• Maximum Working Voltage: 300 V
• Drop in Replacement for S102C/K
• Matched sets are available per request
• For better performances please contact us
APPLICATIONS
• Precision Amplifiers, High Precision Instrumentation,
Medical and Automatic Test Equipment
• Laboratory, Audio (High End Stereo Equipment)
• EB Applications, Military, Airborne and Space
• Down-hole (High Temperature)
* Pb containing terminations are RoHS compliant, exemptions may apply
TABLE 1 - TOLERANCE AND TCR VERSUS
VALUE
STANDARD
TOLERANCE
TYPICAL TCR AND
MAXIMUM SPREAD
- 55 °C TO + 125 °C
(+ 25 °C REF.)
100
Ω to 100 kΩ
± 0.005 %
± 0.2 ± 0.6 ppm/°C
80
Ω to < 100 Ω
± 0.005 %
± 0.2 ± 0.8 ppm/°C
50
Ω to < 80 Ω
± 0.01 %
± 0.2 ± 1.0 ppm/°C
25
Ω to < 50 Ω
± 0.01 %
± 0.2 ± 1.3 ppm/°C
10
Ω to < 25 Ω
± 0.02 %
± 0.2 ± 1.6 ppm/°C
FIGURE 1 - POWER DERATING CURVE
Available
Pb-free
RoHS*
COMPLIANT
200 %
175 %
150 %
125 %
100 %
75 %
50 %
25 %
0
- 75
- 50
- 25
0
+ 25 + 50 + 75 + 100 + 125 + 150 + 175 + 200
Ambient Temperature (°C)
- 55 °C
+ 70 °C
Double Rated Power
Rated Power
Safe operation
for < 150 ppm
ΔR after
2000 hours
load life


Similar Part No. - Z201250R00DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201250R000.005 VISHAY-Z201250R000.005 Datasheet
160Kb / 1P
Ultra-Performance Aerospace and Instrumentation Resistor
09-Oct-02
Z201250R000.01 VISHAY-Z201250R000.01 Datasheet
160Kb / 1P
Ultra-Performance Aerospace and Instrumentation Resistor
09-Oct-02
More results

Similar Description - Z201250R00DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
16-Apr-07
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
03-Nov-08
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
03-Nov-08
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
14-Nov-07
S102C VISHAY-S102C Datasheet
121Kb / 6P
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
20-Nov-07
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
17-Jun-08
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
29-Oct-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com