Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20CTQ035PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 20CTQ035PBF
Description  Schottky Rectifier, 2 x 10 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20CTQ035PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  20CTQ035PBF Datasheet HTML 1Page - Vishay Siliconix 20CTQ035PBF Datasheet HTML 2Page - Vishay Siliconix 20CTQ035PBF Datasheet HTML 3Page - Vishay Siliconix 20CTQ035PBF Datasheet HTML 4Page - Vishay Siliconix 20CTQ035PBF Datasheet HTML 5Page - Vishay Siliconix 20CTQ035PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94162
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 01-Sep-08
1
Schottky Rectifier, 2 x 10 A
20CTQ...PbF Series
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• Center tap TO-220 package
• Low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation for enhanced mechanical strength and
moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for industrial level
DESCRIPTION
The 20CTQ...PbF center tap Schottky rectifier series
has been optimized for low reverse leakage at high
temperature. The proprietary barrier technology allows for
reliable operation up to 175 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 10 A
VR
35 to 45 V
TO-220AB
Anode
13
2
Base
common
cathode
2
Common
cathode
Anode
Available
Pb-free
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
20
A
VRRM
Range
35 to 45
V
IFSM
tp = 5 µs sine
1060
A
VF
10 Apk, TJ = 125 °C (per leg)
0.57
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
20CTQ035PbF
20CTQ040PbF
20CTQ045PbF
UNITS
Maximum DC reverse voltage
VR
35
40
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 145 °C, rectangular waveform
20
A
Maximum peak one cycle non-repetitive
surge current per leg
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
1060
10 ms sine or 6 ms rect. pulse
265
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 2.0 A, L = 6.5 mH
13
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2.0
A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 20CTQ035PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CTQ035PBF IRF-20CTQ035PBF Datasheet
180Kb / 6P
SCHOTTKY RECTIFIER 20 Amp
logo
Vishay Siliconix
20CTQ035PBF VISHAY-20CTQ035PBF Datasheet
180Kb / 7P
Schottky Rectifier, 2 x 10 A
25-Aug-11
20CTQ035PBF VISHAY-20CTQ035PBF_12 Datasheet
180Kb / 7P
Schottky Rectifier, 2 x 10 A
25-Aug-11
More results

Similar Description - 20CTQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
Schottky Rectifier, 2 x 10 A
22-Aug-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
Schottky Rectifier, 2 x 10 A
13-Aug-08
20CTQS VISHAY-20CTQS Datasheet
135Kb / 6P
Schottky Rectifier, 2 x 10 A
22-Aug-08
MBRB2035CTPBF VISHAY-MBRB2035CTPBF Datasheet
138Kb / 6P
Schottky Rectifier, 2 x 10 A
14-Aug-08
MBRB2080CTGPBF VISHAY-MBRB2080CTGPBF Datasheet
128Kb / 7P
Schottky Rectifier, 2 x 10 A
08-Oct-08
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
Schottky Rectifier, 2 x 10 A
05-Oct-09
MBRB2035CT-1PBF VISHAY-MBRB2035CT-1PBF Datasheet
136Kb / 6P
Schottky Rectifier, 2 x 10 A
16-Mar-10
MBRB2080CTG-1PBF VISHAY-MBRB2080CTG-1PBF_10 Datasheet
167Kb / 8P
Schottky Rectifier, 2 x 10 A
16-Mar-10
VS-MBR20CTPBF VISHAY-VS-MBR20CTPBF Datasheet
156Kb / 7P
Schottky Rectifier, 2 x 10 A
04-Dec-13
VS-20CTQSPBF VISHAY-VS-20CTQSPBF Datasheet
175Kb / 8P
Schottky Rectifier, 2 x 10 A
12-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com