Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3562 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA3562
Description  PAL/NTSC ONE-CHIP DECODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA3562 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA3562 Datasheet HTML 1Page - STMicroelectronics TDA3562 Datasheet HTML 2Page - STMicroelectronics TDA3562 Datasheet HTML 3Page - STMicroelectronics TDA3562 Datasheet HTML 4Page - STMicroelectronics TDA3562 Datasheet HTML 5Page - STMicroelectronics TDA3562 Datasheet HTML 6Page - STMicroelectronics TDA3562 Datasheet HTML 7Page - STMicroelectronics TDA3562 Datasheet HTML 8Page - STMicroelectronics TDA3562 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max
40
°C/W
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
13.2
V
Ptot
Power Dissipation at Tamb =65
°C
1.7
W
Tstg,Tj
Storage and Junction Temperature
– 25, +150
°C
Tamb
Ambient Temperature Range
0, +70
°C
ELECTRICAL CHARACTERISTICS
Test conditions unless otherwise specified : Supply voltage, Pin 1 at 12 V - Tamb =25
°C
Input signals :
Luminance input signal
V8 = 0.48 VPP (Composite video signal (100 % white)
Chrominance input signal
V4 = 0.39 VPP (Colour bar signal with 75 % colour saturation
and chrominance to burst ratio = 2.2 : 1)
Data input signals
V12, 14, 16 = 1.4 VPP (Including neg.going sync. pulse)
Control inputs at nominal value : Pin 6 Nom. contrast = max. contrast – 5dB
Pin 5 Nom. saturation = max. saturation – 6 dB
Pin 11 Nom. brightness = 2V, Pin 9 at 0.4 V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY INPUT (pin 1)
Supply Voltage Range
10.8
13.2
V
Supply Current
V1 = 12 V
80
110
mA
LUMINANCE INPUT (pin 8)
Composite Input Signal
0.8
Vpp
Input Current
0.1
1
µA
CHROMINANCE INPUT (pin 4)
Input Signal
40
1100
mVPP
Input Resistance
10
K
Ω
Input Capacitance
6.5
pF
SUPER SANDCASTLE INPUT (pin 7)
Gating & Clamping Level
7.5
V
H-pulse Separating Level
4
5
V
V-pulse Separating Level
2
3
V
Forbidded Range
1 to 2
V
Input Current
V7 = 0 to 1V
V7 = 1 to 8.5V
V7 = 8.5 to 12V
50
– 460
2
µA
µA
mA
Delay Between Black Level Clamping Pulse and Gating
Pulse
0.6
µs
DATA BLANKING INPUT (pin 9)
Input Voltage for no Data Insertion
0.4
V
Input Voltage for Data Insertion
0.9
3
V
Input Resistance
7
13
k
Ω
”BLACK CURRENT” STABILIZATI ON INPUT (pin 18)
D. C. Bias Voltage
3.5
5
7
V
Internal Limiting Threshold
9
V
Switching Threshold for ”Black Current” ON
8
V
TDA3562A
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com