Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20TQ035PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 20TQ035PBF
Description  Schottky Rectifier, 20 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20TQ035PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  20TQ035PBF Datasheet HTML 1Page - Vishay Siliconix 20TQ035PBF Datasheet HTML 2Page - Vishay Siliconix 20TQ035PBF Datasheet HTML 3Page - Vishay Siliconix 20TQ035PBF Datasheet HTML 4Page - Vishay Siliconix 20TQ035PBF Datasheet HTML 5Page - Vishay Siliconix 20TQ035PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94167
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 05-Jun-08
1
Schottky Rectifier, 20 A
20TQ...PbF Series
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for industrial level
DESCRIPTION
The 20TQ...PbF Schottky rectifier series has been optimized
for very low forward voltage drop, with moderate leakage.
The proprietary barrier technology allows for reliable
operation up to 150 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
IF(AV)
20 A
VR
35 to 45 V
TO-220AC
Anode
1
3
Cathode
Base
cathode
2
Available
Pb-free
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
20
A
VRRM
Range
35 to 45
V
IFSM
tp = 5 µs sine
1800
A
VF
20 Apk, TJ = 125 °C
0.51
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
20TQ035PbF
20TQ040PbF
20TQ045PbF
UNITS
Maximum DC reverse voltage
VR
35
40
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 116 °C, rectangular waveform
20
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
1800
10 ms sine or 6 ms rect. pulse
400
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 4 A, L = 3.4 mH
27
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
4A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 20TQ035PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20TQ035PBF IRF-20TQ035PBF Datasheet
282Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
logo
Vishay Siliconix
20TQ035PBF VISHAY-20TQ035PBF Datasheet
167Kb / 7P
Schottky Rectifier, 20 A
26-Aug-11
20TQ035PBF VISHAY-20TQ035PBF_12 Datasheet
167Kb / 7P
Schottky Rectifier, 20 A
26-Aug-11
More results

Similar Description - 20TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20L15TPBF VISHAY-20L15TPBF Datasheet
113Kb / 6P
Schottky Rectifier, 20 A
14-Aug-08
20L15TS VISHAY-20L15TS Datasheet
111Kb / 6P
Schottky Rectifier, 20 A
22-Aug-08
20TQ VISHAY-20TQ Datasheet
118Kb / 6P
Schottky Rectifier, 20 A
25-Jun-08
20TQS VISHAY-20TQS Datasheet
117Kb / 6P
Schottky Rectifier, 20 A
22-Aug-08
20TQSPBF VISHAY-20TQSPBF Datasheet
120Kb / 6P
Schottky Rectifier, 20 A
14-Aug-08
STPS20L15DPBF VISHAY-STPS20L15DPBF Datasheet
113Kb / 6P
Schottky Rectifier, 20 A
15-Aug-08
20TQ035PBF VISHAY-20TQ035PBF_12 Datasheet
167Kb / 7P
Schottky Rectifier, 20 A
26-Aug-11
20TQ035SPBF VISHAY-20TQ035SPBF_13 Datasheet
157Kb / 8P
Schottky Rectifier, 20 A
12-Mar-10
VS-20L15TPBF VISHAY-VS-20L15TPBF_15 Datasheet
148Kb / 7P
Schottky Rectifier, 20 A
26-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com