Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4445B Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA4445B
Description  SOUND IF AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA4445B Datasheet(HTML) 3 Page - STMicroelectronics

  TDA4445B Datasheet HTML 1Page - STMicroelectronics TDA4445B Datasheet HTML 2Page - STMicroelectronics TDA4445B Datasheet HTML 3Page - STMicroelectronics TDA4445B Datasheet HTML 4Page - STMicroelectronics TDA4445B Datasheet HTML 5Page - STMicroelectronics TDA4445B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage Range
Pin 11
15
V
ICC
Supply Current
Pin 11
70
mA
Vext
External Voltages
Pin 3
Pin 12
12
8
V
V
Vext
External Voltages
TDA4445A - TDA4445B
TDA4445B
Pin 5
Pin 6
8
8
V
V
Ptot
Power Dissipation
1
W
Tj
Junction Temperature
125
°C
Tamb
Ambient Temperature Range
0, + 70
°C
Tstg
Storage Temperature Range
– 25, + 125
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction-ambient Thermal Resistance
70
°C/W
ELECTRICAL OPERATING CHARACTERISTICS
Tamb =+25
°C, VCC = 12V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS
VCC
Supply Voltage
Pin 13
10
12
15
V
ICC
Supply Current (V3 = 3.5V)
Pin 11
45
60
mA
VO
DC Output Voltage (V3 = 3.5V)
Pin 12
4.25
5
5.75
V
I
Output DC Current (V3 = 3.5VV11 = 12V)
Pin 12
1
2
mA
R
Input Impedance
Pins 1-16
2
k
Ω
C
Input Impedance
Pins 1-16
2
pF
V
Switch off Control Voltage for VTR Mode
Pin 3
9
10
V
I
Switch off Control Current for VTR Mode
Pin 3
150
µA
AGC CHARACTERISTICS
∆GIF
IF AGC Range
62
dB
QUASI PARALLEL SOUND OPERATION
(fPC = 38.9MHz, fSC1 = 33.4MHz, fSC2 = 33.16MHz, PC/SC1 = 13dB, PC/SC2 = 20dB, PC unmodulated)
VI
Min. Input Voltage (5.5MHz - Output Signal - 3dB)
Pins 1-16
70
µVeff
VI
Max. Input Voltage (5.5MHz - Output Signal + 1dB)
Pins 1-16
90
mVeff
VO
Sound-IF-output Voltage (V1-16 = 20mVeff SC unmodulated)
5.5MHz Output Voltage
5.74MHz Output Voltage
Pin 12
200
100
400
300
mVeff
mVeff
S
+ N
N
Signal to noise ratio measured according to CCIR 468-2
Picture Modulation Ratio 90%, Reference signal (V1-16 = 10mV),
FM-frequency deviation30kHz ¨
Out 1 350mVRMS
fmod = 1kHz, measured at audio-output
Out 2 350mVRMS
Black Screen (1. Channel/2. Channel)
Grid Screen (1. Channel/2. Channel)
Pin 12
55/50
45/40
dB
dB
AM DEMODULATI0N (TDA4445B only) (fSC = 39.2MHz, m = 80%, fmod = 1kHz)
VI
Min. Input Voltage (Audio Output Signal - 3dB)
Pins 1-16
70
µV
eff
VO
Output DC Voltage (V1-16 = 10mVeff unmodulated)
Pin 6
3.3
4.5
V
I
Output DC Current (V6 = 7.5V, V3 = 3.5V)
Pin 6
0.3
1.2
mA
d
Distortion (V1-16 = 10mV, fmod = 1kHz , m = 80%)
Pin 6
2.5
4
%
VO
AF Output Voltage (V1-16 = 100mVeff, m = 50% , fmod = 10kHz)
Pin 6
500
700
900
mVeff
TDA4445A - TDA4445B
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com