Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7212 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7212
Description  LOW VOLTAGE FM XTAL CONTROLLED FRONT-END
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7212 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7212 Datasheet HTML 1Page - STMicroelectronics TDA7212 Datasheet HTML 2Page - STMicroelectronics TDA7212 Datasheet HTML 3Page - STMicroelectronics TDA7212 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4
8
1
5
7
+V
S
6
L3
L2
23
FM2
TDA7212
22nF
18pF
39pF
22nF
1
2
3
47pF
38.3
MHz
22nF
15k
SFE
10.7
300
OUT
15pF
390pF
L1
49MHz
IN
3.3pF
L1 = L3 = TOKO E521LN 110033
7212-04
NB . : In this application it is advisable to decrease the gain of the front-end through a tapping on the L2 coil (3 turns of 12). So it can be ob-
tained: better selectivity, improve d intermodulation performance, better match ing with the following block that are IC’s design ed for double
conversion radio receivers.
FRONT-END CORDLESS APPLICATION
TDA7212
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com