Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7233 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7233
Description  1W AUDIO AMPLIFIER WITH MUTE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7233 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7233 Datasheet HTML 1Page - STMicroelectronics TDA7233 Datasheet HTML 2Page - STMicroelectronics TDA7233 Datasheet HTML 3Page - STMicroelectronics TDA7233 Datasheet HTML 4Page - STMicroelectronics TDA7233 Datasheet HTML 5Page - STMicroelectronics TDA7233 Datasheet HTML 6Page - STMicroelectronics TDA7233 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (Vs = 6 V, Tamb = 25
°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
1.8
15
V
Vo
Quiescent Out Voltage
2.7
V
Vs = 3 V
Vs = 9 V
1.2
4.2
V
V
Id
Quiescent Drain Current
MUTE HIGH
3.6
9
mA
MUTE LOW
0.4
Ib
Input Bias Current
100
nA
Po
Output Power
d = 10 %
f = 1 KHz
Vs = 12 V RL = 8
Ω
Vs = 9 V
RL = 4
Ω
Vs = 9 V
RL = 8
Ω
Vs = 6 V
RL = 8
Ω
Vs = 6 V
RL = 4
Ω
Vs = 3 V
RL = 4
Ω
Vs = 3 V
RL = 8
Ω
1.9
1.6
1
0.4
0.7
110
70
W
W
W
W
W
mW
mW
d
Distortion
Po = 0.5 W
f = 1 kHz
RL = 8
Ω
Vs = 9 V
0.3
%
Gv
Closed Loop Voltage Gain
f = 1 kHz
39
dB
RIN
Input Resistance
f = 1 kHz
100
K
Ω
eN
Total Input Noise
(Rs = 10 k
Ω)
B = Curve A
2
µV
B = 22 Hz to 22 kHz
3
SVR
Supply Voltage Rejection
f = 100 Hz, Rg = 10 K
Ω
45
dB
MUTE Attenuation
Vo = 1 V f = 100 Hz to 10 kHz
70
dB
MUTE Threshold
0.6
V
IM
MUTE Current
VS = 15V
0.4
mA
TDA7233 - TDA7233D
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com