Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7233S Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7233S
Description  1W AUDIO AMPLIFIER WITH MUTE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7233S Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7233S Datasheet HTML 1Page - STMicroelectronics TDA7233S Datasheet HTML 2Page - STMicroelectronics TDA7233S Datasheet HTML 3Page - STMicroelectronics TDA7233S Datasheet HTML 4Page - STMicroelectronics TDA7233S Datasheet HTML 5Page - STMicroelectronics TDA7233S Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (VS = 6V, Tamb =25
°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
1.8
15
V
VO
Quiescent Output Voltage
27
V
VS =3V
VS =9V
1.2
4.2
V
V
Id
Quiescent Drain Current
PLAY
3.6
9
mA
MUTE
0.4
mA
Ib
Input Bias Current
100
nA
PO
Output Power
d = 10%
f = 1kHz
VS = 12V RL =8
Ω
VS =9V
RL =4
Ω
VS =9V
RL =8
Ω
VS =6V
RL =8
Ω
VS =6V
RL =4
Ω
VS =3V
RL =4
Ω
VS =3V
RL =8
Ω
0.8
0.45
1.9
1.6
1
0.4
0.7
110
70
W
W
W
W
W
mW
mW
d
Distortion
PO = 0.5W
RL =8
Ω
f = 1KHz
VS =9V
0.3
%
GV
Closed Loop Voltage Gain
f = 1KHz
39
dB
RIN
Input Resistance
f = 1KHz
100
K
Ω
eN
Total Input Noise (RS = 10K
Ω)
B = Curve A
2
µV
µV
B = 22Hz to 22KHz
3
SVR
Supply Voltage Rejection
Rg = 10K
Ω f = 100Hz
40
45
dB
MUTE Attenuation
VO = 1V, f = 100Hz to 10KHz
70
dB
MUTE Threshold
0.6
V
IM
MUTE Current
VS = 15V
0.4
2
mA
Figure 1: Output Power vs. Supply Voltage
Figure 2: Supply Voltage Rejection vs. Frequency
TDA7233S
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com