Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC720 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SVC720
Description  Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC720 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SVC720 Datasheet HTML 1Page - Sanyo Semicon Device SVC720 Datasheet HTML 2Page - Sanyo Semicon Device SVC720 Datasheet HTML 3Page - Sanyo Semicon Device SVC720 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SVC720
No. A1230-3/4
Ambient Temperature, Ta --
°C
ΔCTa -- Ta
Reverse Voltage, VR -- V
ΔCTa -- VR
IT13735
0
1.0
0.5
1.5
2.5
3.5
4.5
5.5
2.0
3.0
4.0
5.0
6.0
0.85
1.00
0.95
0.90
1.05
1.10
1.15
1.20
1.25
VRF=20mVrms
f=1MHz
ΔCTa=C(Ta) / C(25°C)
IT13736
--75
--50
--25
0
25
50
75
100
125
150
0.92
0.98
0.96
0.94
1.00
1.02
1.10
1.08
1.14
1.12
1.06
1.04
1.16
VR=6.0V
4.0V
1.0V
--55
°C
--25
°C
0
°C
25
°C
50
°C
75
°C
125
°C
V R
=1.0V
2.5V
2.0V
5.0V
VRF=20mVrms
f=1MHz
ΔCTa=C(Ta) / C(25°C)
100
°C
5.0V
150
°C
3.0V
2.5V
2.0V
6.0V
4.0V
3.0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com