Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7235 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7235
Description  1.6W AUDIO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7235 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7235 Datasheet HTML 1Page - STMicroelectronics TDA7235 Datasheet HTML 2Page - STMicroelectronics TDA7235 Datasheet HTML 3Page - STMicroelectronics TDA7235 Datasheet HTML 4Page - STMicroelectronics TDA7235 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
28
V
IO
Output Peak Current
1
A
Ptot
Total Power Dissipation Tamb =50
°C
Tcase =70
°C
1.25
4
W
W
Tstg,Tj
Storage and Junction Temperature
-40 to150
°C
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-amb
Rth j-case
Thermal Resistance Junction-ambient
max.
Thermal Resistance Junction-pins
max.
80
15
°C/W
°C/W
PIN CONNECTION (Top view)
TDA7235
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com