Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6092LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6092LS
Description  NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6092LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6092LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC6092LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC6092LS Datasheet HTML 3Page - Sanyo Semicon Device 2SC6092LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6092LS
No. A0834-3/4
Forward Bias A S O
Ambient Temperature, Ta --
°C
PC -- Ta
Case Temperature, Tc --
°C
PC -- Tc
Collector-to-Emitter Voltage, VCE -- V
Reverse Bias A S O
Collector-to-Emitter Voltage, VCE -- V
0.1
0.1
1.0
23
5
7
1.0
10
23
5
7
2
3
5
7
2
3
5
7
Collector Current, IC -- A
SW Time -- IC
IT02647
tstg
tf
0.1
0.1
23
5
7
23
5
7
1.0
2
3
5
7
1.0
10
2
3
5
7
Base Current, IB2 -- A
IT02648
SW Time -- IB2
VCC=200V
IC / IB1=5
IB2 / IB1=2
R load
VCC=200V
IC=3A
IB1=0.6A
R load
tstg
tf
0
0
20
40
60
80
100
120
2.5
140
160
2.0
1.5
1.0
0.5
IT12438
No
heat
sink
0
40
35
25
30
20
15
10
5
20
060
40
80
100
140
120
160
IT12439
10
0.1
1.0
2
3
5
7
2
3
5
7
10
3
2
5
23
5
7 100
23
1000
23
57
IT12436
0.01
2
3
5
7
2
3
5
7
2
3
5
7
0.1
1.0
10
3
2
5
1.0
23
5 7 10
23
5 7 100
1000
23
5 7
IT12437
ICP=20A
DC
operation
IC=8A
L=500
µH
IB2= --1A
Tc=25
°C
Single pulse
Tc=25
°C
Single pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com