Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6113 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6113
Description  NPN Triple Diffused Planar Silicon Transistor For 14, 21 inch TV Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6113 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6113 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6113 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6113 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6113 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6113
No. A1155-3/4
0
3.5
2.5
2.0
1.5
0.5
1.0
3.0
20
060
40
80
100
140
120
160
IT13476
0
70
50
60
40
30
10
20
20
060
40
80
100
140
120
160
IT13477
IT13475
0.1
0.01
3
5
7
2
2
1.0
3
5
7
2
10
3
5
7
2
2
3
5
10
1.0
2
23
5
7
100
2
35
7
DC
operation
ICP=25A
P
C =60W
IC=15A
35
7
0.01
0.1
23
5 7
23
5 7
23
23
57
1.0
10
2
10
1.0
3
5
7
2
3
3
5
7
100
2
--40°C
25°C
Ta=120°C
IT13467
VCE=5V
IT13472
IT13469
1.0
0.1
7
5
3
2
5
3
2
2
10
7
5
3
100
10
25
37
2
1000
5
37
2
Tc=25
°C
IB2= --2A
L=1mH
0.1
2
0.01
3
25 7
1.0
2
35 7
1.0
3
2
2
5
7
3
IC / IB=5
Ta= --40°C
25°C
120°
C
10
2
35 7
3
Collector Current, IC -- A
Reverse Bias A S O
Collector-to-Emitter Voltage, VCE -- V
Forward Bias A S O
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
PC -- Tc
Collector-to-Emitter Voltage, VCE -- V
PC -- Ta
Collector Current, IC -- A
hFE -- IC
No
heat
sink
<50
μs
Tc=25
°C
Single pulse
VBE(sat) -- IC
IT13468
IT13470
0.1
1.0
7
7
5
2
3
1.0
7
5
2
3
5
0.1
7
23
23
52
10
7
35
tstg
tf
VCC=200V
IC/IB= 5
IB2/IB1= 2
R Load
SW Time -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
0.01
5
0.1
0.01
2
7
3
5
2
7
3
1.0
5
2
7
3
10
23
5 7
23
5 7
23
23
57
0.1
1.0
10
--40
°C
IC / IB=5
Ta= --40
°C
120°C
25°
C
25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com