Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2628FS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK2628FS
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2628FS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK2628FS Datasheet HTML 1Page - Sanyo Semicon Device 2SK2628FS Datasheet HTML 2Page - Sanyo Semicon Device 2SK2628FS Datasheet HTML 3Page - Sanyo Semicon Device 2SK2628FS Datasheet HTML 4Page - Sanyo Semicon Device 2SK2628FS Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK2628FS
No. A1323-2/5
Switching Time Test Circuit
Avalanche Resistance Test Circuit
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=10mA, VGS=0V
600
V
Zero-Gate Voltage Drain Current
IDSS
VDS=480V, VGS=0V
1.0
mA
Gate-to-Source Leakage Current
IGSS
VGS=±30V, VDS=0V
±100
nA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
3.5
5.5
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=4A
2.0
4.0
S
Static Drain-to-Source On-State Resistance
RDS(on)
ID=2A, VGS=15V
0.9
1.1
Ω
Input Capacitance
Ciss
VDS=20V, f=1MHz
1050
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
320
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
180
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
23
ns
Rise Time
tr
See specified Test Circuit.
35
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
90
ns
Fall Time
tf
See specified Test Circuit.
35
ns
Total Gate Charge
Qg
VDS=200V, VGS=10V, ID=6A
30
nC
Diode Forward Voltage
VSD
IS=6A, VGS=0V
0.85
1.2
V
Package Dimensions
unit : mm (typ)
7528-001
PW=1μs
D.C.≤0.5%
P.G
RGS
50Ω
G
S
ID=4A
RL=50Ω
VDD=200V
VGS=15V
VOUT
2SK2628FS
D
50Ω
≥50Ω
RG
VDD
L
15V
0V
2SK2628FS
1 : Gate
2 : Drain
3 : Source
SANYO : TO-220F-3FS
10.16
0.8
1.47 MAX
4.7
2.54
2.76
12
3
0.5
2.54
2.54
3.18



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com