Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45LR40 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 45LR40
Description  Standard Recovery Diodes (Stud Version), 150 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

45LR40 Datasheet(HTML) 2 Page - Vishay Siliconix

  45LR40 Datasheet HTML 1Page - Vishay Siliconix 45LR40 Datasheet HTML 2Page - Vishay Siliconix 45LR40 Datasheet HTML 3Page - Vishay Siliconix 45LR40 Datasheet HTML 4Page - Vishay Siliconix 45LR40 Datasheet HTML 5Page - Vishay Siliconix 45LR40 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93489
2
Revision: 21-May-08
45L(R), 150K(R), 150KS(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 150 A
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
150
A
150
°C
Maximum RMS forward current
IF(RMS)
DC at 142 °C case temperature
235
A
Maximum peak, one cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
3570
t = 8.3 ms
3740
t = 10 ms
100 % VRRM
reapplied
3000
t = 8.3 ms
3140
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
64
kA2s
t = 8.3 ms
58
t = 10 ms
100 % VRRM
reapplied
45
t = 8.3 ms
41
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
640
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.67
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
0.83
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
1.42
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.91
Maximum forward voltage drop
VFM
Ipk = 471 A, TJ = 25 °C, tp = 10 ms sinusoidal wave
1.33
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
and storage temperature range
TJ, TStg
- 40 to 200
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.25
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.10
Mounting torque
45L
minimum
Not lubricated threads
14.1 (125)
N · m
(lbf · in)
maximum
17.0 (150)
minimum
Lubricated threads
12.2 (108)
maximum
15.0 (132)
Mounting torque
150K
150KS
minimum
Not lubricated threads
11.3 (100)
N · m
(lbf · in)
maximum
14.1 (125)
minimum
Lubricated threads
9.5 (85)
maximum
12.5 (110)
Approximate weight
100
g
3.5
oz.
Case style
45L
See dimensions - link at the end of datasheet
DO-205AC (DO-30)
150K-A
DO-205AA (DO-8)
150KS
B-42



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com