Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7250 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7250
Description  6W AUDIO AMPLIFIER WITH STAND-BY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7250 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7250 Datasheet HTML 1Page - STMicroelectronics TDA7250 Datasheet HTML 2Page - STMicroelectronics TDA7250 Datasheet HTML 3Page - STMicroelectronics TDA7250 Datasheet HTML 4Page - STMicroelectronics TDA7250 Datasheet HTML 5Page - STMicroelectronics TDA7250 Datasheet HTML 6Page - STMicroelectronics TDA7250 Datasheet HTML 7Page - STMicroelectronics TDA7250 Datasheet HTML 8Page - STMicroelectronics TDA7250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PIN FUNCTIONS
N
°
Name
Function
1VS – POWER SUPPLY
Negative Supply Voltage.
2
NON–INV. INP. CH. 1
Channel 1 Input Signal.
3
QUIESC. CURRENT
CONTR. CAP. CH1
This capacitor works as an integrator, to control the quiescent current to output
devices in no-signal conditions on channel 1.
4
SENSE (–) CH. 1
Negative voltage sense input for overload protection and for automatic quiescent
current control.
5
ST. BY / MUTE / PLAY
Three-functions Terminal.
For VIN = 1 to 3 V, the device is in MUTE and only quiescent current flows in
the power stages ; - for VIN < 1 V, the device is in STAND-BY mode and no
quiescent current is present in the power stages ; - for VIN > 3 V, the devic
6
CURRENT PROGRAM
High Impedance Power-stages Monitor.
7
SENSE (–) CH. 2
Negative Voltage Sense Input for Overload Protection and for Automatic
Quiescent Current Control.
8
QUIESC. CURRENT
CONTR. CAP. CH. 2
This capacitor works as an integrator, to control the quiescent current to output
devices in no-signal conditions on channel 2. If the voltage at its terminals drops
under 250 mV,
it also resets the device from high-impedance state of output
stages.
9
NON–INV. INP. CH. 2
Channel 2 Input Signals.
10
Vs – POWER SUPPLY
Negative Supply Voltage.
11
INVERT. INP. CH. 2
Feedback from Output (channel 2).
12
OUT (–) CH. 2
Out Signal to Lower Driver Transistor of Channel 2.
13
OUT (+) CH. 2
Out Signal to Higher Driver Transistor of Channel 2.
14
SENSE (+) CH. 2
Positive Voltage Sense Input for Overload Protection and for Automatic
Quiescent Current Control.
15
COMMON AC GROUND
AC Input Ground in MUTE Condition.
16
VS + POWER SUPPLY
Positive Supply Voltage.
17
SENSE (+) CH. 1
Positive Voltage Sense Input for Overload Protection and for Automatic
Quiescent Current Control.
18
OUT (+) CH. 1
Out Signal to High Driver Transistor of Channel 1.
19
OUT (–) CH. 1
Out Signal to Low Driver Transistor of Channel 1.
20
INVERT. INP. CH. 1
Feedback from Output (channel 1).
TDA7250
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com