Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 53D
Description  Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

53D Datasheet(HTML) 2 Page - Vishay Siliconix

  53D Datasheet HTML 1Page - Vishay Siliconix 53D Datasheet HTML 2Page - Vishay Siliconix 53D Datasheet HTML 3Page - Vishay Siliconix 53D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
53D
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Tubular, Axial Lead, General Purpose
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42037
460
Revision: 22-Jul-08
DIMENSIONS AND AVAILABLE FORMS
HJ
0.885 ± 0.020
[22.5 ± 0.51]
1.641 ± 0.062
[41.7 ± 1.58]
0.95 oz.
(27 g)
LE
1.260 ± 0.020
[32.0 ± 0.51]
1.141 ± 0.062
[29.0 ± 1.58]
1.13 oz.
(32 g)
HL
0.885 ± 0.020
[22.5 ± 0.51]
2.141 ± 0.062
[54.4 ± 1.58]
1.02 oz.
(29 g)
LJ
1.260 ± 0.020
[32.0 ± 0.51]
1.641 ± 0.062
[41.7 ± 1.58]
1.62 oz.
(46 g)
HP
0.885 ± 0.020
[22.5 ± 0.51]
2.641 ± 0.062
[67.1 ± 1.58]
1.38 oz.
(39 g)
LL
1.260 ± 0.020
[32.0 ± 0.51]
2.141 ± 0.062
[54.4 ± 1.58]
2.11 oz.
(60 g)
HS
0.885 ± 0.020
[22.5 ± 0.51]
3.141 ± 0.062
[79.8 ± 1.58]
1.73 oz.
(49 g)
LP
1.260 ± 0.020
[32.0 ± 0.51]
2.641 ± 0.062
[67.1 ± 1.58]
2.65 oz.
(75 g)
HT
0.885 ± 0.020
[22.5 ± 0.51]
3.641 ± 0.062
[92.5 ± 1.58]
2.08 oz.
(59 g)
LS
1.260 ± 0.020
[32.0 ± 0.51]
3.141 ± 0.062
[79.8 ± 1.58]
3.14 oz.
(89 g)
JE
1.010 ± 0.020
[25.7 ± 0.51]
1.141 ± 0.062
[29.0 ± 1.58]
0.81 oz.
(23 g)
LT
1.260 ± 0.020
[32.0 ± 0.51]
3.641 ± 0.062
[92.5 ± 1.58]
3.63 oz.
(103 g)
JJ
1.010 ± 0.020
[25.7 ± 0.51]
1.641 ± 0.062
[41.7 ± 1.58]
1.02 oz.
(29 g)
LD
1.260 ± 0.020
[32.0 ± 0.51
4.141 ± 0.062
[105.2 ± 1.58]
4.16 oz.
(118 g)
JL
1.010 ± 0.020
[25.7 ± 0.51]
2.141 ± 0.062
[54.4 ± 1.58]
1.55 oz.
(44 g)
ME
1.375 ± 0.020
[34.9 ± 0.51]
1.141 ± 0.062
[29.0 ± 1.58]
1.38 oz.
(39 g)
JP
1.010 ± 0.020
[25.7 ± 0.51]
2.641 ± 0.062
[67.1 ± 1.58]
1.87 oz.
(53 g)
MJ
1.375 ± 0.020
[34.9 ± 0.51]
1.641 ± 0.062
[41.7 ± 1.58]
1.98 oz.
(56 g)
JS
1.010 ± 0.020
[25.7 ± 0.51]
3.141 ± 0.062
[79.8 ± 1.58]
2.22 oz.
(63 g)
ML
1.375 ± 0.020
[34.9 ± 0.51]
2.141 ± 0.062
[54.4 ± 1.58]
2.57 oz.
(73 g)
JT
1.010 ± 0.020
[25.7 ± 0.51]
3.641 ± 0.062
[92.5 ± 1.58]
2.54 oz.
(72 g)
MP
1.375 ± 0.020
[34.9 ± 0.51]
2.641 ± 0.062
[67.1 ± 1.58]
3.21 oz.
(91 g)
KE
1.135 ± 0.020
[28.8 ± 0.51]
1.141 ± 0.062
[29.0 ± 1.58]
0.92 oz.
(26 g)
MS
1.375 ± 0.020
[34.9 ± 0.51]
3.141 ± 0.062
[79.8 ± 1.58]
3.81 oz.
(108 g)
KJ
1.135 ± 0.020
[28.8 ± 0.51]
1.641 ± 0.062
[41.7 ± 1.58]
1.31 oz.
(37 g)
MT
1.375 ± 0.020
[34.9 ± 0.51]
3.641 ± 0.062
[92.5 ± 1.58]
4.44 oz.
(126 g)
KL
1.135 ± 0.020
[28.8 ± 0.51]
2.141 ± 0.062
[54.4 ± 1.58]
1.73 oz.
(49 g)
MD
1.375 ± 0.020
[34.9 ± 0.51]
4.141 ± 0.062
[105.2 ± 1.58]
5.04 oz.
(143 g)
KP
1.135 ± 0.020
[28.8 ± 0.51]
2.641 ± 0.062
[67.1 ± 1.58]
2.15 oz.
(61 g)
-
-
-
-
DIMENSIONS in inches [millimeters]
CASE
CODE
STYLE 6 AND 7
TYPICAL
WEIGHT
CASE
CODE
STYLE 6 AND 7
TYPICAL
WEIGHT
DL
D
L
D
C
L
L
PVC sleeve
63.50
min.
63.50
min.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com