Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF730ASTRLPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IRF730ASTRLPBF
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF730ASTRLPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  IRF730ASTRLPBF Datasheet HTML 1Page - Vishay Siliconix IRF730ASTRLPBF Datasheet HTML 2Page - Vishay Siliconix IRF730ASTRLPBF Datasheet HTML 3Page - Vishay Siliconix IRF730ASTRLPBF Datasheet HTML 4Page - Vishay Siliconix IRF730ASTRLPBF Datasheet HTML 5Page - Vishay Siliconix IRF730ASTRLPBF Datasheet HTML 6Page - Vishay Siliconix IRF730ASTRLPBF Datasheet HTML 7Page - Vishay Siliconix IRF730ASTRLPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
Document Number: 91046
4
S-Pending-Rev. A, 30-May-08
IRF730AS, SiHF730AS, IRF730AL, SiHF730AL
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V, f = 1 MHz
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
5
10
15
20
25
0
4
8
12
16
20
VSD, Source-Drain Diode Forward Voltage
FOR TEST CIRCUIT
SEE FIGURE 13
ID = 5.5 A
VDS = 80V
VDS = 200V
VDS = 320V
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
VSD, Source-to-Drain Voltage (V)
VGS = 0 V
TJ = 25 °C
TJ = 150 °C
0.1
1
10
100
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
TJ = 150 °C
TC = 25 °C
VDS, Drain-to-Source Voltage (V)
10us
100us
1ms
10ms
Single Pulse



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com