Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7263 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7263
Description  1212W STEREO AMPLIFIER WITH MUTING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7263 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7263 Datasheet HTML 1Page - STMicroelectronics TDA7263 Datasheet HTML 2Page - STMicroelectronics TDA7263 Datasheet HTML 3Page - STMicroelectronics TDA7263 Datasheet HTML 4Page - STMicroelectronics TDA7263 Datasheet HTML 5Page - STMicroelectronics TDA7263 Datasheet HTML 6Page - STMicroelectronics TDA7263 Datasheet HTML 7Page - STMicroelectronics TDA7263 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the stereo test and application circuit, VS = 28V; RL =8Ω;
Gv = 30dB; f = 1KHz; Tamb =25
°C unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
10
32
V
VO
Quiescent Output Voltage
13.5
V
Iq
Total Quiescent Current
70
95
mA
PO
Output Power (RMS)
d = 10% Tamb = 85
°C
d= 1%
10
12
9.5
W
W
d
Total Harmonic Distortion
PO = 1W, f = 1kHz
f = 100Hz to 10KHz; PO = 0.1 to 8W
0.02
0.2
0.5
%
CT
Cross Talk
RS = 10K
Ω; f = 1KHz
70
dB
RS = 10K
Ω; f = 10KHz
60
dB
RI
Input Resistance
100
200
K
fL
Low Frequency Roll-off (-3dB)
40
Hz
fH
High Frequency Roll-off (-3dB)
80
KHz
eN
Total Input Noise Voltage
A Curve; RS = 10K
1.5
mV
f = 22Hz to 22KHz; RS = 10K
310
µV
SVR
Supply Voltage Rejection
(each channel)
RS =10K
Ω; f = 100Hz; Vr = 0.5V
45
60
dB
Tj
Thermal Shutdown Junction
Temperature
145
°C
MUTE FUNCTION
VTMUTE
Mute Threshold
1
1.6
V
VTPLAY
Play Threshold
4.5
V
ATTAM
Mute Attenuation
70
100
dB
IqMUTE
Quiescent Current @ Mute
7
10
mA
TYPICAL CHARACTERISTICS (referred to the typical Application Circuit, VS = 28V, RL =8
Ω, unless
otherwise specified)
Figure 1: Output Power vs. Supply Voltage
Figure 2: Distortion vs. Output Power
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal resistance junction to case
Max
3
°C/W
TDA7263
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com