Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9339 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9339
Description  Quad low side driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9339 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9339 Datasheet HTML 5Page - STMicroelectronics L9339 Datasheet HTML 6Page - STMicroelectronics L9339 Datasheet HTML 7Page - STMicroelectronics L9339 Datasheet HTML 8Page - STMicroelectronics L9339 Datasheet HTML 9Page - STMicroelectronics L9339 Datasheet HTML 10Page - STMicroelectronics L9339 Datasheet HTML 11Page - STMicroelectronics L9339 Datasheet HTML 12Page - STMicroelectronics L9339 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
L9339
Electrical specifications
9/14
Figure 3.
Timing characteristics
IDLeak
Leakage current
VD = VS = 14 V; Ta < 125 °C
< 0.1
1
µA
VD = VS = 14 V; Ta < 150 °C
5
µA
Timing characteristics (1)
td,on
On delay time
VS = 14 V, Cext = 0 pF
10 mA < IO < 200 mA
23.5
µs
td,off
Off delay time
3
4.5
µs
tset
Enable settling time
10
µs
td,DIAG
ON or OFF diagnostic delay time
10
µs
Sout
Output voltage slopes (2)
2.5
9
16
V/µs
1.
See also Figure 3 timing characteristics.
2.
Output voltage slope not controlled for enable low.
All parameters are measured at Tamb = 125 °C.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
t
V
S
S
1/2 V
V
OU T
V
IN
V
IN hig h
IN low
V
t
V
PR G
V
EN
Non-Inverting Mode
Inverting Mode
t
set
t
d,off
t
d,on
t
d,off
t
d,on
t
d,off
t
d,on
t
set
active
V
IN hig h
IN low
V
t
V
IN hig h
IN low
V
t
5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com