Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC876D08A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC876D08A
Description  CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876D08A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC876D08A Datasheet HTML 1Page - Sanyo Semicon Device LC876D08A Datasheet HTML 2Page - Sanyo Semicon Device LC876D08A Datasheet HTML 3Page - Sanyo Semicon Device LC876D08A Datasheet HTML 4Page - Sanyo Semicon Device LC876D08A Datasheet HTML 5Page - Sanyo Semicon Device LC876D08A Datasheet HTML 6Page - Sanyo Semicon Device LC876D08A Datasheet HTML 7Page - Sanyo Semicon Device LC876D08A Datasheet HTML 8Page - Sanyo Semicon Device LC876D08A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LC876D16A/08A
No.A1122-2/19
Features
Read-Only Memory
(Mask ROM)
• 16384 × 8 bits (LC876D16A)
• 8192 × 8 bits (LC876D08A)
Random Access Memory (RAM)
• 1024 × 9 bits
Minimum Bus Cycle Time
• 100ns (10MHz) VDD=3.0 to 5.5V
Note: The bus cycle time indicates ROM read time.
Minimum Instruction Cycle Time (tCYC)
• 300ns (10MHz) VDD=3.0 to 5.5V
Ports
• Input/output ports
Data direction programmable for each bit individually:
10 (P1n, P7n)
Data direction programmable in nibble units:
8 (P0n)
(When N-channel open drain output is selected, data can be input in bit units.)
• VFD output ports
Large current outputs for digits:
9 (S0/T0 to S8/T8)
Large current outputs for digits/segments:
7 (S9/T9 to S15/T15)
Digit/segment outputs:
8 (S16 to S23)
Segment outputs:
30 (S24 to S53)
• Oscillator pins:
2 (CF1/XT1, CF2/XT2)
• Reset pin:
1 (RES)
• Power supply:
4 (VSS1, VDD1 to VDD3)
• VFD power supply:
1 (VP)
VFD Automatic Display Controller
• Programmable segment/digit output pattern
Output can be switched between digit/segment waveform output
(pins 9 to 23 can be used for output of digit waveforms).
parallel-drive available for large current VFD.
• 16-step dimmer function available
Timers
• Timer 0: 16-bit timer/counter with capture register
Mode 0: 2 channel 8-bit timer with programmable 8-bit prescaler and 8-bit capture register
Mode 1: 8-bit timer with 8-bit programmable prescaler and 8-bit capture register
+ 8-bit counter with 8-bit capture register
Mode 2: 16-bit timer with 8-bit programmable prescaler and 16-bit capture register
Mode 3: 16-bit counter with 16-bit capture register
• Timer 4: 8-bit timer with 6-bit prescaler
• Timer 5: 8-bit timer with 6-bit prescaler
• Base Timer
1) The clock signal can be selected from any of the following.
Sub-clock (32.768kHz crystal oscillator), system clock, and prescaler output from timer 0
2) Interrupts can be selected to occur at one of five different times.
• Day and time counter
1) Using with a base timer, it can be used as 65000 day + minute + second counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com