Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC01700PW Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC01700PW
Description  CMOS LSI FM tuner IC for VICS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC01700PW Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC01700PW Datasheet HTML 1Page - Sanyo Semicon Device LC01700PW Datasheet HTML 2Page - Sanyo Semicon Device LC01700PW Datasheet HTML 3Page - Sanyo Semicon Device LC01700PW Datasheet HTML 4Page - Sanyo Semicon Device LC01700PW Datasheet HTML 5Page - Sanyo Semicon Device LC01700PW Datasheet HTML 6Page - Sanyo Semicon Device LC01700PW Datasheet HTML 7Page - Sanyo Semicon Device LC01700PW Datasheet HTML 8Page - Sanyo Semicon Device LC01700PW Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LC01700PW
No.A1337-2/18
Operating supply voltage range at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VDD
Not to exceed the absolute maximum rating
4.5 to 5.5
V
Supply voltage range
VDD
5.0
V
Serial interface voltage level
VDD : Communications bus voltage
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
High level input voltage
VIH
2.4
VDD
V
Low level input voltage
VIL
0.0
0.7
V
High level output voltage
(open
⋅drain)
VOH
VDD*V
Low level output voltage
(open·drain)
VOL
0.0
0.2VDD
V
* High level output voltage causes the open drain to become the high-impedance state.
Since the drain is pulled up to VDD, the voltage is equal to VDD.
Electrical Characteristics at Ta
= 25°C, unless otherwise specified. fc = 83MHz, Vin = 60dBµVEMF, fm = 1kHz,
Audio filter : HPF =100Hz, LPF = 15kHz
Sample application circuit (Sample application circuit) look-up
Register map
<writing> look-up
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
S/N 30dB sensitivity
SN30
22.5kHz dev, fm = 1kHz, S/N = 30dB input level
15
20
dB
µVEMF
S/N 10dB sensitivity *1
SN10
7.5kHz dev, fm = 76kHz, S/N = 10dB input level *2
25
dB
µVEMF
Seek sensitivity (LO)
Seek
22.5kHz dev, Vin = 40dB
µVEMF
Vsm = 2.0V adjustment
Pin 18 (STDO) Lo
→ Hi input level
15
22
29
dB
µVEMF
S/N ratio 1
SN_1
22.5kHz dev, fm = 1kHz
50
60
dB
S/N ratio 2
SN_2
7.5kHz dev, fm = 76kHz *2
35
dB
Total harmonic distortion 1
THD_1
22.5kHz dev, fm = 1kHz
0.1
1
%
Total harmonic distortion 2
THD_2
75.0kHz dev, fm = 1kHz
0.2
1
%
Total harmonic distortion 3
THD_3
22.5kHz dev, fm = 1kHz, Vin = 120dB
µVEMF
0.1
1
%
Image removal ratio
Image
22.5kHz dev, fm = 1kHz
40
50
dB
AM suppression ratio
AMR
AM 30% mod
45
55
dB
Audio output level 1
Vo_1
75.0kHz dev, fm = 1kHz
170
270
430
mVrms
Audio output level 2
Vo_2
7.5kHz dev, fm = 76kHz *2
16
25
40
mVrms
Current drain
IDD
Input at no signal
30
45
mA
*1 S/N = 10dB at BER = 1%
*2 Audio filter : HPF = 100Hz, LPF = OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com