Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82D331M450ME2D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 82D331M450ME2D
Description  Aluminum Capacitors 85 °C, Snap-In, General Purpose
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

82D331M450ME2D Datasheet(HTML) 1 Page - Vishay Siliconix

  82D331M450ME2D Datasheet HTML 1Page - Vishay Siliconix 82D331M450ME2D Datasheet HTML 2Page - Vishay Siliconix 82D331M450ME2D Datasheet HTML 3Page - Vishay Siliconix 82D331M450ME2D Datasheet HTML 4Page - Vishay Siliconix 82D331M450ME2D Datasheet HTML 5Page - Vishay Siliconix 82D331M450ME2D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
82D
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Snap-In, General Purpose
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42062
222
Revision: 27-Aug-08
FEATURES
• Economical
• General purpose design
• Wide voltage range
Fig.1 Component Outlines
Available
Pb-free
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
ØD x L in mm
0.87" x 1.00" (22.0 x 25.0)
to 1.38" x 3.15" (35.0 x 80.0)
Operating temperature
- 40 °C to + 85 °C
Rated capacitance
range, CR
39 µF to 180 000 µF
Tolerance on CR
± 20 %
Rated voltage range,
UR
6.3 WVDC to 450 WVDC
Termination
Snap in
Life validation test
at 85 °C
2000 hours:
Δ CAP ≤ 15 % from initial
measurement.
Δ ESR ≤ 1.5 x initial
specified limit.
Δ DCL ≤ initial specified
limit
Shelf life at 85 °C
500 hours:
Δ CAP ≤ 15 % from initial
measurement.
Δ ESR ≤ 1.3 x initial
specified limit.
Δ DCL ≤ 2 x initial
specified limit
DC leakage current
I = K
K = 4.0 at + 25 °C
I in µA, C in µF, V in Volts
CV
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
AMBIENT TEMPERATURE
MULTIPLIERS
+ 55 °C
2.0
+ 65 °C
1.7
+ 75 °C
1.4
+ 85 °C
1.0
FREQUENCY (Hz)
WVDC
50 TO 60
300 TO 1000
1000 AND
UP
16 - 49
0.85
1.10
1.15
50 - 199
0.83
1.15
1.20
200 - 400
0.80
1.30
1.40
ESL (TYPICAL VALUES AT 1 MHz TO 10 MHz)
Nominal
Diameter
0.87
(22.0)
0.98
(25.0)
1.18
(30.0)
1.38
(35.0)
Typical
ESL (nH)
6.0
8.0
10.0
12.0
DIMENSIONS in inches (millimeters)
CASE
CODE
DIAMETER
LENGTH
CASE
CODE
DIAMETER
LENGTH
D + 0.04 - 0 (+ 1.0 - 0)
L ± 0.08 (2.0)
D + 0.04 - 0 (+ 1.0 - 0)
L ± 0.08 (2.0)
HA
0.87 (22.0)
1.00 (25.0)
KC
1.18 (30.0)
1.38 (35.0)
HB
0.87 (22.0)
1.18 (30.0)
KD
1.18 (30.0)
1.57 (40.0)
HD
0.87 (22.0)
1.57 (40.0)
KE
1.18 (30.0)
2.00 (50.0)
JA
1.00 (25.0)
1.00 (25.0)
MB
1.38 (35.0)
1.18 (30.0)
JB
1.00 (25.0)
1.18 (30.0)
MC
1.38 (35.0)
1.38 (35.0)
JC
1.00 (25.0)
1.38 (35.0)
MD
1.38 (35.0)
1.57 (40.0)
JD
1.00 (25.0)
1.57 (40.0)
ME
1.38 (35.0)
2.00 (50.0)
JE
1.00 (25.0)
2.00 (50.0)
MF
1.38 (35.0)
2.50 (63.0)
KA
1.18 (30.0)
1.00 (25.0)
MG
1.38 (35.0)
3.18 (80.0)
KB
1.18 (30.0)
1.18 (30.0)


Similar Part No. - 82D331M450ME2D

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
82D YUANDEAN-82D Datasheet
334Kb / 2P
DC-DC Converter
82D-05D15RNNL YUANDEAN-82D-05D15RNNL Datasheet
334Kb / 2P
DC-DC Converter
82D-05S05RNNL YUANDEAN-82D-05S05RNNL Datasheet
334Kb / 2P
DC-DC Converter
82D-05S12RNNL YUANDEAN-82D-05S12RNNL Datasheet
334Kb / 2P
DC-DC Converter
82D-12D12RNNL YUANDEAN-82D-12D12RNNL Datasheet
334Kb / 2P
DC-DC Converter
More results

Similar Description - 82D331M450ME2D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
82DA VISHAY-82DA Datasheet
189Kb / 3P
Aluminum Capacitors 85 C, Snap-in, General Purpose
23-May-05
logo
Cornell Dubilier Electr...
AVS226M04A12T CDE-AVS226M04A12T Datasheet
303Kb / 5P
SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
Aluminum Capacitors 85 째C, Snap-In
27-Aug-08
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
Aluminum Capacitors 85 째C, Snap-In, General Purpose
29-Aug-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
24-Apr-13
500D VISHAY-500D Datasheet
89Kb / 9P
Aluminum Capacitors 85 °C, Miniature, General Purpose
16-Apr-13
80D VISHAY-80D_12 Datasheet
92Kb / 4P
Aluminum Capacitors 85 °C, Snap-In
29-Aug-11
500D VISHAY-500D_V01 Datasheet
91Kb / 9P
Aluminum Capacitors 85 °C, Miniature, General Purpose
12-Jun-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com