Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPQ035PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 30CPQ035PBF
Description  Schottky Rectifier, 2 x 15 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CPQ035PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  30CPQ035PBF Datasheet HTML 1Page - Vishay Siliconix 30CPQ035PBF Datasheet HTML 2Page - Vishay Siliconix 30CPQ035PBF Datasheet HTML 3Page - Vishay Siliconix 30CPQ035PBF Datasheet HTML 4Page - Vishay Siliconix 30CPQ035PBF Datasheet HTML 5Page - Vishay Siliconix 30CPQ035PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 94182
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 13-Aug-08
3
30CPQ035PbF/30CPQ040PbF/30CPQ045PbF
Schottky Rectifier, 2 x 15 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage (Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
0.1
1
10
100
1000
VFM - Forward Voltage Drop (V)
0.2
0.6
1.2
1.8
1.4
1.6
0.8
0.4
0
1.0
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.001
0.01
0.1
1
10
100
1000
VR - Reverse Voltage (V)
15
20
25
30
40
35
45
05
10
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
100
1000
VR - Reverse Voltage (V)
10
20
30
40
50
0
T
J = 25 °C
0.001
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
100
10
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
Single pulse
(thermal resistance)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
0.01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com