Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPQ080 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 30CPQ080
Description  Schottky Rectifier, 2 x 15 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CPQ080 Datasheet(HTML) 2 Page - Vishay Siliconix

  30CPQ080 Datasheet HTML 1Page - Vishay Siliconix 30CPQ080 Datasheet HTML 2Page - Vishay Siliconix 30CPQ080 Datasheet HTML 3Page - Vishay Siliconix 30CPQ080 Datasheet HTML 4Page - Vishay Siliconix 30CPQ080 Datasheet HTML 5Page - Vishay Siliconix 30CPQ080 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93302
2
Revision: 22-Aug-08
30CPQ080/30CPQ100
Vishay High Power Products Schottky Rectifier, 2 x 15 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop per leg
See fig. 1
VFM (1)
15 A
TJ = 25 °C
0.86
V
30 A
1.05
15 A
TJ = 125 °C
0.67
30 A
0.81
Maximum reverse leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
0.55
mA
TJ = 125 °C
7
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
500
pF
Typical series inductance per leg
LS
Measured lead to lead 5 mm from package body
7.5
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
See fig. 4
2.20
°C/W
Maximum thermal resistance,
junction to case per package
DC operation
1.10
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.24
Approximate weight
6g
0.21
oz.
Mounting torque
minimum
Non-lubricated threads
6 (5)
kgf
⋅ cm
(lbf
⋅ in)
maximum
12 (10)
Marking device
Case style TO-247AC (JEDEC)
30CPQ080
30CPQ100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com