Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7295S Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7295S
Description  80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7295S Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7295S Datasheet HTML 1Page - STMicroelectronics TDA7295S Datasheet HTML 2Page - STMicroelectronics TDA7295S Datasheet HTML 3Page - STMicroelectronics TDA7295S Datasheet HTML 4Page - STMicroelectronics TDA7295S Datasheet HTML 5Page - STMicroelectronics TDA7295S Datasheet HTML 6Page - STMicroelectronics TDA7295S Datasheet HTML 7Page - STMicroelectronics TDA7295S Datasheet HTML 8Page - STMicroelectronics TDA7295S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage (No Signal)
±40
V
V1
VSTAND-BY GND Voltage Referred to -VS (pin 8)
80
V
V2
Input Voltage (inverting) Referred to -VS
80
V
V2 -V3
Maximum Differential Inputs
±30
V
V3
Input Voltage (non inverting) Referred to -VS
80
V
V4
Signal GND Voltage Referred to -VS
80
V
V5
Clip Detector Voltage Referred to -VS
80
V
V6
Bootstrap Voltage Referred to -VS
80
V
V9
Stand-by Voltage Referred to -VS
80
V
V10
Mute Voltage Referred to -VS
80
V
V11
Buffer Voltage Referred to -VS
80
V
V12
Bootstrap Loader Voltage Referred to -VS
80
V
IO
Output Peak Current
10
A
Ptot
Power Dissipation Tcase =70
°C50
W
Top
Operating Ambient Temperature Range
0 to 70
°C
Tstg,Tj
Storage and Junction Temperature
150
°C
1
2
3
4
5
6
7
9
10
11
8
BUFFER DRIVER
MUTE
STAND-BY
-V
S (SIGNAL)
+VS (SIGNAL)
BOOTSTRAP
CLIP AND SHORT CIRCUIT DETECTOR
SIGNAL GROUND
NON INVERTING INPUT
INVERTING INPUT
STAND-BY GND
TAB CONNECTED TO PIN 8
13
14
15
12
-VS (POWER)
OUT
+VS (POWER)
BOOTSTRAP LOADER
D97AU806
PIN CONNECTION (Top view)
QUICK REFERENCE DATA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Supply Voltage Operating
±12
± 38
V
GLOOP
Closed Loop Gain
26
40
dB
Ptot
Output Power
VS =
±34V; RL =8Ω; THD = 10%
80
W
VS =
±27V; RL =4Ω; THD = 10%
80
W
SVR
Supply Voltage Rejection
75
dB
THERMAL DATA
Symbol
Description
Typ
Max
Unit
Rth j-case
Thermal Resistance Junction-case
1
1.5
°C/W
TDA7295S
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com