Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD024 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFD024
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFD024 Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFD024 Datasheet HTML 1Page - Vishay Siliconix IRFD024 Datasheet HTML 2Page - Vishay Siliconix IRFD024 Datasheet HTML 3Page - Vishay Siliconix IRFD024 Datasheet HTML 4Page - Vishay Siliconix IRFD024 Datasheet HTML 5Page - Vishay Siliconix IRFD024 Datasheet HTML 6Page - Vishay Siliconix IRFD024 Datasheet HTML 7Page - Vishay Siliconix IRFD024 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91126
www.vishay.com
S-81352-Rev. A, 16-Jun-08
1
Power MOSFET
IRFD024, SiHFD024
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• For Automatic Insertion
• End Stackable
• 175 °C Operating Temperature
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The 4 pin DIP package is a low cost machine-insertable case
style which can be stacked in multiple combinations on
standard 0.1" pin centers. The dual drain serves as a thermal
link to the mounting surface for power dissipation levels up to
1 W.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 16 mH, RG = 25 Ω, IAS = 2.5 A (see fig. 12).
c. ISD ≤ 17 A, dI/dt ≤ 140 A/µs, VDD ≤ VDS, TJ ≤ 175 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
60
RDS(on) (Ω)VGS = 10 V
0.10
Qg (Max.) (nC)
25
Qgs (nC)
5.8
Qgd (nC)
11
Configuration
Single
N-Channel MOSFET
G
D
S
HEXDIP
D
S
G
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
HEXDIP
Lead (Pb)-free
IRFD024PbF
SiHFD024-E3
SnPb
IRFD024
SiHFD024
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TA = 25 °C
ID
2.5
A
TA = 100 °C
1.8
Pulsed Drain Currenta
IDM
20
Linear Derating Factor
0.0083
W/°C
Single Pulse Avalanche Energyb
EAS
91
mJ
Maximum Power Dissipation
TA = 25 °C
PD
1.3
W
Peak Diode Recovery dV/dtc
dV/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRFD024

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD024 IRF-IRFD024 Datasheet
172Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A)
logo
Vishay Siliconix
IRFD024 VISHAY-IRFD024 Datasheet
1Mb / 9P
Power MOSFET
25-Oct-10
IRFD024 VISHAY-IRFD024 Datasheet
421Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRFD024PBF IRF-IRFD024PBF Datasheet
651Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFD024PBF VISHAY-IRFD024PBF Datasheet
1Mb / 9P
Power MOSFET
25-Oct-10
More results

Similar Description - IRFD024

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com