Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7300 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7300
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7300 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7300 Datasheet HTML 8Page - STMicroelectronics TDA7300 Datasheet HTML 9Page - STMicroelectronics TDA7300 Datasheet HTML 10Page - STMicroelectronics TDA7300 Datasheet HTML 11Page - STMicroelectronics TDA7300 Datasheet HTML 12Page - STMicroelectronics TDA7300 Datasheet HTML 13Page - STMicroelectronics TDA7300 Datasheet HTML 14Page - STMicroelectronics TDA7300 Datasheet HTML 15Page - STMicroelectronics TDA7300 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
For example if you want setting the volume at -32dB the 8 bit string is: 0 0 1 0 0 0 0 1
VOLUME
MSB
LSB
0
0
B2
B1
B0
A2
A1
A0
Volume 2dB Steps
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
-2
-4
-6
-8
Not allowed
Not allowed
Not allowed
0
0
B2
B1
B0
Volume 10dB steps
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
+10
0
-10
-20
-30
-40
-50
-60
SOFTWARE SPECIFICATION (continued)
DATA BYTES (detailed description)
SPEAKER ATTENUATORS
MSB
LSB
1
1
1
1
0
0
1
1
0
1
0
1
B1
B1
B1
B1
B0
B0
B0
B0
A2
A2
A2
A2
A1
A1
A1
A1
A0
A0
A0
A0
Speaker LF
Speaker RF
Speaker LR
Speaker RR
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
-2
-4
-6
-8
Not allowed
Not allowed
Not allowed
0
0
1
1
0
1
0
1
0
-10
-20
-30
For example attenuation of 24dB on speaker RF is given by: 1 0 1 10010
TDA7300
12/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com