Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7309 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7309
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7309 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7309 Datasheet HTML 1Page - STMicroelectronics TDA7309 Datasheet HTML 2Page - STMicroelectronics TDA7309 Datasheet HTML 3Page - STMicroelectronics TDA7309 Datasheet HTML 4Page - STMicroelectronics TDA7309 Datasheet HTML 5Page - STMicroelectronics TDA7309 Datasheet HTML 6Page - STMicroelectronics TDA7309 Datasheet HTML 7Page - STMicroelectronics TDA7309 Datasheet HTML 8Page - STMicroelectronics TDA7309 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TDA7309
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
WITH LOUDNESS
INPUT MULTIPLEXER:
3 STEREO INPUTS
RECORD OUTPUT FUNCTION
LOUDNESS FUNCTION
VOLUME CONTROL IN 1dB STEPS
INDEPENDENT LEFT AND RIGHT VOLUME
CONTROL
SOFT MUTE FUNCTION
ALL FUNCTIONS PROGRAMMABLE VIA SE-
RIAL I
2C BUS
DESCRIPTION
The TDA7309 is a control processor with inde-
pendent left and right volume control for quality
audio applications. Selectable external loudness
and soft mute functions are provided.
Control is accomplished by serial I
2C bus micro-
processor interface.
The AC signal setting is obtained by resistor net-
works and switches combined with operational
amplifiers.
Thanks to the used BIPOLAR/CMOS Technology,
Low Distortion, Low Noise and Low DC stepping
are obtained.
September 1997
17
18
13
14
11
INPUT
SELECTOR
LEFT
INPUTS
RIGHT
INPUTS
SUPPLY
16
7
15
VOLUME +
LOUDNESS
SOFT
MUTE
19
LOUD(L)
22
µF
CREF
12
LOUD(R)
MUTE
MUTE
6
4
5
8
9
2
OUT
LEFT
SCL
SDA
DIGGND
OUT
RIGHT
ADDR
D93AU045A
BUS
SERIAL BUS DECODER + LATCHES
20
3 x
2.2
µF
3 x
2.2
µF
VOLUME +
LOUDNESS
AGND
VS
3
CSM
100nF
100nF
TDA7309
10
Recout(R)
1
Recout(L)
BLOCK DIAGRAM
DIP20
SO20
ORDERING NUMBER:
TDA7309
TDA7309D
1/12


Similar Part No. - TDA7309

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7309 STMICROELECTRONICS-TDA7309 Datasheet
227Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Mar-2006
TDA7309D STMICROELECTRONICS-TDA7309D Datasheet
227Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Mar-2006
TDA7309D013TR STMICROELECTRONICS-TDA7309D013TR Datasheet
227Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Mar-2006
TDA7309 STMICROELECTRONICS-TDA7309_06 Datasheet
227Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Mar-2006
More results

Similar Description - TDA7309

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7300 STMICROELECTRONICS-TDA7300 Datasheet
288Kb / 16P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
May-1991
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
TDA7313 STMICROELECTRONICS-TDA7313 Datasheet
131Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
TDA7313N STMICROELECTRONICS-TDA7313N Datasheet
130Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
TDA7314 STMICROELECTRONICS-TDA7314 Datasheet
111Kb / 12P
DIGITAL CONTROLLED AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
TDA7315 STMICROELECTRONICS-TDA7315 Datasheet
114Kb / 12P
DIGITAL CONTROLLED AUDIO PROCESSOR
Jul-1998
TDA7318 STMICROELECTRONICS-TDA7318 Datasheet
122Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
logo
Silan Microelectronics ...
SC7313 SILAN-SC7313 Datasheet
150Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
STMicroelectronics
TDA7303 STMICROELECTRONICS-TDA7303 Datasheet
276Kb / 20P
Digital controlled stereo audio processor with loudness
04-Aug-2006
TDA7309 STMICROELECTRONICS-TDA7309_06 Datasheet
227Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Mar-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com