Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7309D Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7309D
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7309D Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7309D Datasheet HTML 1Page - STMicroelectronics TDA7309D Datasheet HTML 2Page - STMicroelectronics TDA7309D Datasheet HTML 3Page - STMicroelectronics TDA7309D Datasheet HTML 4Page - STMicroelectronics TDA7309D Datasheet HTML 5Page - STMicroelectronics TDA7309D Datasheet HTML 6Page - STMicroelectronics TDA7309D Datasheet HTML 7Page - STMicroelectronics TDA7309D Datasheet HTML 8Page - STMicroelectronics TDA7309D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
10.5
V
Tamb
Operating Ambient Temperature
–40 to 85
°C
Tstg
Storage Temperature Range
–55 to +150
°C
QUICK REFERENCE DATA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage
6
10
V
VCL
Max. Input Signal Handling
2
Vrms
THD
Total Harmonic Distortion
V = 1Vrms, f = 1KHz
0.01
0.1
%
S/N
Signal to Noise Ratio
106
dB
Sc
Channel Separation f = 1KHz
100
dB
Volume Control 1.0dB step
–95
0
dB
Soft Mute Attenuation
60
dB
Direct Mute Attenuation
100
dB
RecoutL
OUTL
CSM
SDA
SCL
GND
DGND
ADD
OUTR
1
3
2
4
5
6
7
8
9
LOUDR
IN2R
IN1R
VS
CREF
IN1L
IN2L
LOUDL
IN3L
20
19
18
17
16
14
15
13
12
D94AU058A
RecoutR
10
IN3R
11
PIN CONNECTION (Top View)
IN1L
IN2L
IN3L
RecoutL
IN1R
IN2R
IN3R
RecoutR
17
18
20
1
14
13
10
11
19
12
5
4
6
8
LL
LR
SCL
SDA
DIGGND
ADD
CSM
3
2
16
15
CREF
AGND
7
OUTL
VS
OUTR
9
D94AU057A
TDA7309
TEST CIRCUIT
TDA7309
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com