Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCP1104 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # PCP1104
Description  PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

PCP1104 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  PCP1104 Datasheet HTML 1Page - Sanyo Semicon Device PCP1104 Datasheet HTML 2Page - Sanyo Semicon Device PCP1104 Datasheet HTML 3Page - Sanyo Semicon Device PCP1104 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PCP1104
No. A1347-2/4
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB= -40V, IE=0A
-0.1
μA
Emitter Cutoff Current
IEBO
VEB= -4V, IC=0A
-0.1
μA
DC Current Gain
hFE
VCE= -2V, IC= -100mA
200
560
Gain-Bandwidth Product
fT
VCE= -10V, IC= -300mA
420
MHz
Output Capacitance
Cob
VCB= -10V, f=1MHz
9
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC= -0.5A, IB= -10mA
-280
-430
mV
VCE(sat)2
IC= -0.3A, IB= -6mA
-145
-220
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC= -0.5A, IB= -10mA
-0.81
-1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC= -10μA, IE=0A
-50
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC= -1mA, RBE=∞
-50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE= -10μA, IC=0A
-5
V
Turn-On Time
ton
See specified Test Circuit.
35
ns
Storage Time
tstg
See specified Test Circuit.
170
ns
Fall Time
tf
See specified Test Circuit.
30
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7007A-004
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
To p View
Bo tto m View
RB
VCC= --12V
IC=--20IB1=20IB2=--0.5A
+
50Ω
INPUT
OUTPUT
820μF
PW=50μs
IB1
D.C.≤1%
IB2
RL
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
--10mA
--30mA
--20mA
--1.0
--0.6
--0.8
--0.2
--0.4
0
0
--0.4
--0.8 --0.9 --1.0
--0.2
--0.6
--0.3
--0.7
--0.1
--0.5
IB=0mA
IT14115
--2mA
--4mA
--6mA
--8mA
VCE= --2V
--1.6
--1.2
--0.6
--0.8
--1.4
--1.0
--0.2
--0.4
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IT14116



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com