Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR5016JS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBR5016JS
Description  Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 5A Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBR5016JS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBR5016JS Datasheet HTML 1Page - Sanyo Semicon Device SBR5016JS Datasheet HTML 2Page - Sanyo Semicon Device SBR5016JS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBR50-16JS
No. A0636-2/3
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Interterminal Capacitance
C
VR=10V, Tj=25°C*
48
pF
Thermal Resistance
Rth(j-c)
Junction-Case : Smoothed DC
5.0
°C / W
Note) * : Value per element
Package Dimensions
Electrical Connection
unit : mm (typ)
7525-001
Anode
Anode
Cathode
1 : Anode
2 : Cathode
3 : Anode
SANYO : TO-220ML(LS)
0.75
0.7
12 3
10.0
1.2
1.6
2.55
2.55
4.5
2.8
3.2
0
1.2
1.0
0.8
0.4
0.2
0.6
5
7
2
3
2
0.1
1.0
5
7
2
3
10
IT11966
0
0.1
2
5
7
3
2
1.0
5
7
3
2
0.01
20
40
60
100
140
80
120
160
180
(3)
(1)
0
0
4
5
6
3
1
2
17
36
5
4
2
IT11968
(4)
(3)
(1)
0
0
0.4
0.6
1.2
0.2
1.0
0.8
140
180
100
60
160
120
80
40
20
(2)
(4)
(2)
IT11967
IT11969
Tj=150
°C typ
125°C
typ
100°C
typ
75°C
typ
10
5
7
3
IF -- VF
IR -- VR
PF(AV) -- IO
PR(AV) -- VRM
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Peak Reverse Voltage, VRM -- V
Average Output Current, IO -- A
180
°
360
°
VR
(1)Rectangular wave
θ=300
°
(2)Rectangular wave
θ=240
°
(3)Rectangular wave
θ=180
°
(4)Sine wave
θ=180
°
(1)Rectangular wave
θ=60
°
(2)Rectangular wave
θ=120
°
(3)Rectangular wave
θ=180
°
(4)Sine wave
θ=180
°
Sine wave
180
°
360
°
Sine wave
θ
360
°
VR
Rectangular
wave
θ
360
°
Rectangular
wave



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com