Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7318 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7318
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7318 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7318 Datasheet HTML 1Page - STMicroelectronics TDA7318 Datasheet HTML 2Page - STMicroelectronics TDA7318 Datasheet HTML 3Page - STMicroelectronics TDA7318 Datasheet HTML 4Page - STMicroelectronics TDA7318 Datasheet HTML 5Page - STMicroelectronics TDA7318 Datasheet HTML 6Page - STMicroelectronics TDA7318 Datasheet HTML 7Page - STMicroelectronics TDA7318 Datasheet HTML 8Page - STMicroelectronics TDA7318 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ELECTRICAL CHARACTERISTICS (refer to the test circuit Tamb =25
°C, VS = 9V, RL = 10KΩ,
RG = 600
Ω, all controls flat (G = 0), f = 1KHz unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
6
9
10
V
IS
Supply Current
4
8
11
mA
SVR
Ripple Rejection
60
85
dB
INPUT SELECTORS
RII
Input Resistance
Input 1, 2, 3, 4
35
50
70
K
VCL
Clipping Level
2
2.5
Vrms
SIN
Input Separation (2)
80
100
dB
RL
Output Load resistance
pin 7, 17
2
K
GINmin
Min. Input Gain
-1
0
1
dB
GINmax
Max. Input Gain
17
18.75
20
dB
GSTEP
Step Resolution
5
6.25
7.5
dB
eIN
Input Noise
G = 18.75dB
2
µV
VDC
DC Steps
adjacent gain steps
4
20
mV
G = 18.75 to Mute
4
mV
VOLUME CONTROL
RIV
Input Resistance
20
33
50
k
CRANGE
Control Range
70
75
80
dB
AVMIN
Min. Attenuation
-1
0
1
dB
AVMAX
Max. Attenuation
70
75
80
dB
ASTEP
Step Resolution
0.5
1.25
1.75
dB
EA
Attenuation Set Error
Av = 0 to -20dB
Av = -20 to -60dB
-1.25
-3
0
1.25
2
dB
dB
ET
Tracking Error
2dB
VDC
DC Steps
adjacent attenuation steps
From 0dB to Av max
0
0.5
3
7.5
mV
mV
SPEAKER ATTENUATORS
Crange
Control Range
35
37.5
40
dB
SSTEP
Step Resolution
0.5
1.25
1.75
dB
EA
Attenuation set error
1.5
dB
AMUTE
Output Mute Attenuation
80
100
dB
VDC
DC Steps
adjacent att. steps
from 0 to mute
0
1
3
10
mV
mV
BASS CONTROL (1)
Gb
Control Range
Max. Boost/cut
+12
+14
+16
dB
BSTEP
Step Resolution
1
2
3
dB
RB
Internal Feedback Resistance
34
44
58
K
TREBLE CONTROL (1)
Gt
Control Range
Max. Boost/cut
+13
+14
+15
dB
TSTEP
Step Resolution
1
2
3
dB
TDA7318
4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com