Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7326 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7326
Description  AM-FM RADIO FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7326 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7326 Datasheet HTML 7Page - STMicroelectronics TDA7326 Datasheet HTML 8Page - STMicroelectronics TDA7326 Datasheet HTML 9Page - STMicroelectronics TDA7326 Datasheet HTML 10Page - STMicroelectronics TDA7326 Datasheet HTML 11Page - STMicroelectronics TDA7326 Datasheet HTML 12Page - STMicroelectronics TDA7326 Datasheet HTML 13Page - STMicroelectronics TDA7326 Datasheet HTML 14Page - STMicroelectronics TDA7326 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
fREF = 1KHz
FVCO = (64
⋅ PC + SC + 64) ⋅ fREF
AM SWALLOW MODE
FVCO = (DIV_VAL+ 64)
⋅ fREF
swallow 6bit
fREF = 2.5KHz
FVCO = (32
⋅ PC + SC + 32) ⋅ fREF
FVCO = (DIV_VAL+ 32)
⋅ fREF
swallow 5bit (bit SC5 = 0)
AM DIRECT MODE
FVCO = (DIV_VAL+ 1)
⋅ fREF
a) CONDITIONS:
FM MODE (fRF = 98.1MHz, fREF = 25KHz; IF = 10.7MHz
it follows: that FVCO = 98.1 + 10.7 = 108.8MHz
DIV_VAL =
FVCO
fref
- 32 =4352 - 32 = 4320 = 10 E 0 Hex
=
5.2: Examples
1
000
0
1
110
000
00
PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 SC5 SC4 SC3 SC2 SC1 SC0
SC = 0 (*)
binary
⇒
PC = 135
b) CONDITIONS:
FM MODE (fRF = 98.8MHz, fREF = 25KHz; IF = 10.7MHz
it follows: FVCO = 98.8 + 10.7 = 109.5MHz
DIV_VAL = 4380 - 32 = 4348 = 10 FC Hex
=
1
00001
110
111
00
PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 SC5 SC4 SC3 SC2 SC1 SC0
SC = 28 (*)
binary
⇒
PC = 135
NOTE: (*) The bit SC5 is FORCED = 0, and higher weigth bits are left shift ed one position.
TDA7326
11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com