Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7332 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7332
Description  RDS FILTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7332 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7332 Datasheet HTML 1Page - STMicroelectronics TDA7332 Datasheet HTML 2Page - STMicroelectronics TDA7332 Datasheet HTML 3Page - STMicroelectronics TDA7332 Datasheet HTML 4Page - STMicroelectronics TDA7332 Datasheet HTML 5Page - STMicroelectronics TDA7332 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (VCC = 5V, Tamb = 25
°C; fosc = 4.332MHz; VIN = 20mVrms unless
otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY SECTION
VCC
Supply Voltage
4.5
5
5.5
V
IS
Supply Current
6
9
14
mA
FILTER
FC
Center Frequency
56.5
57
57.5
KHz
BW
3dB Bandwidth
2.5
3
3.5
KHz
G
Gain
f = 57KHz
18
20
22
dB
A
Attenuation
∆f = +4KHz
f = 38KHz; Vi = 500mVrms
f = 67KHz; Vi = 250mVrms
18
50
35
22
80
50
dB
dB
dB
∆Ph
Phase non linearity
A (see note1)
B (see note1)
C (see note1)
0.5
1
2
5
7.5
10
DEG
DEG
DEG
Ri
Input Impedance
100
160
200
K
Ω
S/N
Signal to Noise Ratio
Vi = 3mVrms
30
40
dB
Vi
Input Signal
f = 19KHz; T3 < –40dB (see note2)
f = 57KHz (RDS + ARI)
1
50
Vrms
mVrms
RL
Load Impedance
Pin 12
100
K
Ω
LIMITER
RA
Resistance pin 8-12
15
21
28
K
Ω
VOL
Comp. Output LOW
IO = +0.5mA
1
V
VOH
Comp. Output HIGH
IO = –0.5mA
4
V
Duty Cycle
Vi = 1mVrms
50
%
OSCILLATOR
FOSC
Oscillator Frequency
FSEL = Open
FSEL = Closed to Ground
4.332
8.664
MHz
MHz
Output Amplitude
5
VPP
VCLL
Clock Input Level LOW
1
V
VOLH
Clock Input Level HIGH
4
V
CRYSTAL TYPE = EURO QUARTZ
Note (1):
The phase non linearity is defined as:
∆Ph = | -2 φf2 + φf1 + φf3 |
where
φfx is the input-output phase difference at the frequency fx (x = 1,2,3)
Measure
f1 (KHz)
f2 (KHz)
f3 (KHz)
∆Ph max
A
56.5
57
57.5
<5
°
B
56
57
58
<7.5
°
C
55.5
57
58.5
<10
°
Note (2): The 3th harmonic (57KHz) at the output (pin12) must be less than -40dB in respect to the input signal plus gain.
TDA7332
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com