Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7338D Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7338D
Description  STEREO DECODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7338D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7338D Datasheet HTML 3Page - STMicroelectronics TDA7338D Datasheet HTML 4Page - STMicroelectronics TDA7338D Datasheet HTML 5Page - STMicroelectronics TDA7338D Datasheet HTML 6Page - STMicroelectronics TDA7338D Datasheet HTML 7Page - STMicroelectronics TDA7338D Datasheet HTML 8Page - STMicroelectronics TDA7338D Datasheet HTML 9Page - STMicroelectronics TDA7338D Datasheet HTML 10Page - STMicroelectronics TDA7338D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
80KHz LP
SIGNAL PATH
ATC
AUTOMATIC
THRESHOLD
CONTROL
PEAK+VTH
RECT-PEAK
BUF
PEAK
AMP
RECT
-
+
PEAK COMP
REF.
BLANK COMP
ADDITIONAL THRESHOLD
CONTROL
(ATC-SB)
40
µs
LEFT
RIGHT
to OUTPUTS
MPX IN
VR
VSB
CPEAK
47nF
CBLANK
330pF
D95AU368
-
+
140KHz HP
120KHz HP
LEVEL
2V
7V
THRESHOLD L/H
ADDITIONAL THRESHOLD
CONTROL on/off
PROG
VS
-
+
BLEND
ON/OFF
0.1V
BLEND
CONTROL
Figure 3: Block Diagram of the Noise Blanker
100mV
60mV
NOISE ADJUSTED
TRIG. THRESHOLD
MIN. TRIG. THRESHOLD
300mV
180mV
0.9V
VTH
1.5V
VPEAK(V)
D95AU369
Figure 4: Trigger Threshold vs. VPEAK
Table 1: Programming of the Noiseblanker
PIN 1 (PROG)
Trigger Threshold
Peak Voltage Control By Fieldstrength
GND
LOW
ON
OPEN
HIGH
ON
VDD
HIGH
OFF
TDA7338
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com