Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA0225CS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA0225CS
Description  PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA0225CS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA0225CS Datasheet HTML 1Page - Sanyo Semicon Device LA0225CS Datasheet HTML 2Page - Sanyo Semicon Device LA0225CS Datasheet HTML 3Page - Sanyo Semicon Device LA0225CS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA0225CS
No.A1001-2/4
4
3
1
2
Top view
Electrical and Optical Characteristics at Ta
= 25°C, VCC = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Dark current
ID
VR = 10V
0.01
2
nA
GB
λ = 405nm
0.22
0.28
A/W
GD
λ = 650nm
0.34
0.44
A/W
Receiving sensitivity *
GC
λ = 780nm
0.33
0.43
A/W
Forward voltage
VF
IF = 0.1mA
410
510
610
mV
Inter-terminal capacitance *
C
VR = 2.5V
65
pF
* Design reference value (indication of deviation), the characteristic is not guaranteed.
Package Dimensions
unit: mm (typ)
Block Diagram
3345
Pin No.
Pin name
Function
1,2
cathode
cathode pin
3,4
anode
anode pin
Receiving Layout
Package center and photo diode opening center is same.
1.38mm
1.22mm
Top view
PD opening
1.0mm
SANYO : ODCSP4(1.22X1.38)
0.58
1.38
21
12
43
34
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com