Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7346D Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7346D
Description  DIGITAL CONTROLLED SURROUND SOUND MATRIX
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7346D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7346D Datasheet HTML 3Page - STMicroelectronics TDA7346D Datasheet HTML 4Page - STMicroelectronics TDA7346D Datasheet HTML 5Page - STMicroelectronics TDA7346D Datasheet HTML 6Page - STMicroelectronics TDA7346D Datasheet HTML 7Page - STMicroelectronics TDA7346D Datasheet HTML 8Page - STMicroelectronics TDA7346D Datasheet HTML 9Page - STMicroelectronics TDA7346D Datasheet HTML 10Page - STMicroelectronics TDA7346D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
A
CHIP ADDRESS
0
DC (HEX)
1
DE (HEX)
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (s)
A chip address byte, containing the TDA7346
address (the 8th bit of the byte must be 0). The
TDA7346 must always acknowledge at the end
of each transmitted byte.
A sequence of data (N bytes + achnowledge).
A stop condition (P)
TDA7346 ADDRESS
MSB
first byte
LSB
MSB
LSB
MSB
LSB
S
1
10
1
1
1A
0
ACK
DATA
ACK
DATA
ACK P
Data Transferred (N-bytes + Acknowledge)
ACK = Acknowledge
S = Start
P = Stop
MAX CLOCK SPEED 100kbits/s
SOFTWARE SPECIFICATION
Chip address
1
MSB
1011
1
A
0
LSB
A = Logic level on pin ADDR
A = 1 if ADDR pin = open
A = 0 if ADDR pin = connected to ground
MSB
LSB
SUBADDRESS
0
0
A5
A4
A3
A2
A1
A0
INPUT ATTENUATION R
0
1
A5
A4
A3
A2
A1
A0
INPUT ATTENUATION L
1
M1
M0
SURROUND MODES
1
0
0
SIMULATED MODE
1
0
1
MUSIC MODE
1
1
0
MOVIE MODE
11111
111
OFF MODE
1
M1
M0
1
B3
B2
B1
B0
EFFECT CONTROL
1
M1
M0
0
0
0
C1
C0
PHASE SHIFTER 4 CONTROL
1
M1
M0
0
0
1
C1
C0
PHASE SHIFTER 3 CONTROL
1
M1
M0
0
1
0
D1
D0
PHASE SHIFTER 2 CONTROL
1
M1
M0
0
1
1
E1
E0
PHASE SHIFTER 1 CONTROL
Software Specification
TDA7346
7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com