Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7348 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7348
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7348 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7348 Datasheet HTML 1Page - STMicroelectronics TDA7348 Datasheet HTML 2Page - STMicroelectronics TDA7348 Datasheet HTML 3Page - STMicroelectronics TDA7348 Datasheet HTML 4Page - STMicroelectronics TDA7348 Datasheet HTML 5Page - STMicroelectronics TDA7348 Datasheet HTML 6Page - STMicroelectronics TDA7348 Datasheet HTML 7Page - STMicroelectronics TDA7348 Datasheet HTML 8Page - STMicroelectronics TDA7348 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
BASS CONTROL
BBOOST
Max Bass Boost
15
18
20
dB
BCUT
Max Bass Cut
-8.5
-10
-11.5
dB
Astep
Step Resolution
1
2
3
dB
Rg
Internal Feedback Resistance
45
65
85
K
Ω
TREBLE CONTROL
CRANGE
Control Range
±13
±14
±15
dB
Astep
Step Resolution
1
2
3
dB
SPEAKER ATTENUATORS
CRANGE
Control Range
35
37.5
40
dB
Astep
Step Resolution
0.5
1.25
2.0
dB
AMUTE
Output Mute Attenuation
Data Word = XXX11111
80
100
dB
EA
Attenuation Set Error
1.25
dB
VDC
DC Steps
Adjacent Attenuation Steps
0
3
mV
AUDIO OUTPUT
Vclip
Clipping Level
d = 0.3%
2.1
2.6
Vrms
RL
Output Load Resistance
2
K
Ω
RO
Output Impedance
30
100
Ω
VDC
DC Voltage Level
3.5
3.8
4.1
V
GENERAL
VCC
Supply Voltage
6
9
10.2
V
ICC
Supply Current
10
15
mA
PSRR
Power Supply Rejection Ratio
f = 1KHz
60
80
dB
B = 20 to 20kHz ”A” weighted
65
dB
eNO
Output Noise
Output Muted (B = 20 to 20kHz flat)
2.5
µV
All Gains 0dB (B = 20 to 20kHz flat)
5
15
µV
Et
Total Tracking Error
AV = 0 to -20dB
0
1
dB
AV = -20 to -60dB
0
2
dB
S/N
Signal to Noise Ratio
All Gains = 0dB; VO =1Vrms
106
dB
SC
Channel Separation
80
100
dB
d
Distortion
VIN = 1V
0.01
0.08
%
BUS INPUTS
VIL
Input Low Voltage
1V
VlN
Input High Voltage
3
V
IlN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
0.8
V
Note 1: WIN represents the MUTE programming bit pair D6,D5 for the zero crossing window threshold
Note 2: Internal pullup resistor to Vs/2; ”LOW” = softmute active
r
TDA7348
5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com