Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHD200T2KTCR2ABB Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part # VHD200T2KTCR2ABB
Description  Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VHD200T2KTCR2ABB Datasheet(HTML) 4 Page - Vaishali Semiconductor

  VHD200T2KTCR2ABB Datasheet HTML 1Page - Vaishali Semiconductor VHD200T2KTCR2ABB Datasheet HTML 2Page - Vaishali Semiconductor VHD200T2KTCR2ABB Datasheet HTML 3Page - Vaishali Semiconductor VHD200T2KTCR2ABB Datasheet HTML 4Page - Vaishali Semiconductor VHD200T2KTCR2ABB Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VHD200, VHD144
Vishay Foil Resistors Bulk Metal
® Foil Hermetically sealed, Small Package,
Voltage Dividers with TCR Tracking of 0.1 ppm/°C
and Tolerance Match down to 0.001 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63036
4
Revision: 13-Nov-07
TABLE 3 - VHD144 AND VHD200 POPULAR RATIOS (other values available upon request)
VCODE
R1
R2
VCODE
R1
R2
V0009
20K
20K
V0002
5K
5K
V0010
20K
10K
V0026
3K
19K2
V0100
20K
2K
V0156
3K
6K
V0055
19K4
9K7
V0158
2K7
10K
V0223
17K5
20K
V0058
2K
20K
V0097
15K
15K
V0030
2K
18K
V0094
10K
20K
V0029
2K
4K
V0001
10K
10K
V0103
2K
3K
V0042
10K
8K323
V0059
2K
2K
V0006
10K
2K
V0103
1K5
3K
V0226
9K
10K
V0032
1K
16K
V0003
9K
1K
V0121
1K
2K
V0013
8K
16K
V0004
1K
1K
V0107
6K
20K
V0022
511R
16K2
V0014
6K
7K
V0162
500R
15K
V0159
5K5
7K7
V0091
500R
500R
V0005
5K
10K
V0061
300R
300R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com