Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAL213655152E3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MAL213655152E3
Description  Aluminum Capacitors Radial Very Low Impedance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213655152E3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MAL213655152E3 Datasheet HTML 3Page - Vishay Siliconix MAL213655152E3 Datasheet HTML 4Page - Vishay Siliconix MAL213655152E3 Datasheet HTML 5Page - Vishay Siliconix MAL213655152E3 Datasheet HTML 6Page - Vishay Siliconix MAL213655152E3 Datasheet HTML 7Page - Vishay Siliconix MAL213655152E3 Datasheet HTML 8Page - Vishay Siliconix MAL213655152E3 Datasheet HTML 9Page - Vishay Siliconix MAL213655152E3 Datasheet HTML 10Page - Vishay Siliconix MAL213655152E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Document Number: 28321
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 21-Dec-07
139
136 RVI
Aluminum Capacitors
Radial Very Low Impedance
Vishay BCcomponents
Table 4
Table 5
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR =10V
UR =16 and 25 V
UR =35and 50 V
UR = 63 and 100 V
Ø
≤ 12.5
Ø
≥ 16
Ø
≤ 12.5
Ø
≥ 16
Ø
≤ 12.5
Ø
≥ 16
Ø
≤ 12.5
Ø
≥ 16
100
0.70
0.83
0.63
0.69
0.50
0.60
0.35
0.50
300
0.80
0.90
0.72
0.79
0.61
0.71
0.51
0.64
1000
0.88
0.95
0.80
0.87
0.72
0.80
0.66
0.74
3000
0.92
0.98
0.88
0.92
0.81
0.88
0.76
0.83
10 000
0.96
0.99
0.92
0.96
0.88
0.93
0.85
0.90
30 000
0.99
1.00
0.98
0.99
0.94
0.96
0.92
0.95
100 000
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(QUICK REFERENCE)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 105 °C; UR applied;
for test duration see Table 3
ΔC/C: ± 20 %
tan
δ≤ 2 x spec. limit
IL2 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
for test duration see Table 3
ΔC/C: ± 30 %
tan
δ≤ 3 x spec. limit
IL2 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1 %
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 105 °C; no voltage applied;
1000 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
ΔC/C: ± 20 %
tan
δ≤ 2 x spec. limit
IL2 ≤ spec. limit
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
8090
100
110
lifetime multiplier
(1)
Tamb (°C)
IA
IR
CCC206
Fig.14 Multiplier of useful life as a function of ambient temperature and ripple current load
IA = actual ripple current at 100 kHz
IR = rated ripple current at 100 kHz, 105 °C
(1) Useful life at 105
°C and I
R applied; see Table 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com