Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150CLZ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 150CLZ
Description  Aluminum Capacitors SMD (Chip), Very Low Z
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150CLZ Datasheet(HTML) 2 Page - Vishay Siliconix

  150CLZ Datasheet HTML 1Page - Vishay Siliconix 150CLZ Datasheet HTML 2Page - Vishay Siliconix 150CLZ Datasheet HTML 3Page - Vishay Siliconix 150CLZ Datasheet HTML 4Page - Vishay Siliconix 150CLZ Datasheet HTML 5Page - Vishay Siliconix 150CLZ Datasheet HTML 6Page - Vishay Siliconix 150CLZ Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
150 CLZ
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip), Very Low Z
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28304
2
Revision: 03-Jul-08
Table 1
Table 2
Note
1. Detailed tape dimensions see section “PACKAGING”.
MOUNTING
The capacitors are designed for automatic placement on to
printed-circuit boards.
Optimum dimensions of soldering pads depend amongst
others on soldering method, mounting accuracy, print layout
and/or adjacent components.
For recommended soldering pad dimensions, refer to Fig.3
and Table 3.
SOLDERING
Soldering conditions are defined by the curve, temperature
versus time, where the temperature is that measured on the
soldering pad during processing.
For maximum conditions refer to Fig.4.
Any temperature versus time curve which does not exceed
the specified maximum curves may be applied.
Table 3
AS A GENERAL PRINCIPLE, TEMPERATURE AND
DURATION SHALL BE THE MINIMUM NECESSARY
REQUIRED
TO
ENSURE
GOOD
SOLDERING
CONNECTIONS. HOWEVER, THE SPECIFIED MAXIMUM
CURVES SHOULD NEVER BE EXCEEDED.
DIMENSIONS in millimeters AND MASS
NOMINAL
CASE SIZE
Lx Wx H
CASE
CODE
Lmax.
Wmax.
Hmax.
Ø D
Bmax.
SL1 max.
MASS
(g)
8 x 8 x 10
0810
8.5
8.5
10.5
8.0
1.0
3.1
9.9
≈ 1.0
10 x 10 x 10
1010
10.5
10.5
10.5
10.0
1.0
4.5
11.8
≈ 1.3
10 x 10 x 14
1014
10.5
10.5
14.3
10.0
1.0
4.5
11.8
≈ 1.5
0.4 ± 0.2
W B
CS
L
C
0.3 max.
Fig.2 Dimensional outline
TAPE AND REEL DIMENSIONS in millimeters, PACKAGING QUANTITIES
NOMINAL
CASE SIZE
LxW x H
CASE
CODE
PITCH
P1
TAPE WIDTH
W
TAPE THICKNESS
T2
REEL DIA.
PACKAGING
QUANTITY
PER REEL
8 x 8 x 10
0810
16
24
11.3
380
500
10 x 10 x 10
1010
16
24
11.3
380
500
10 x 10 x 14
1014
16
24
14.8
330
250
RECOMMENDED SOLDERING PAD
DIMENSIONS in millimeters
CASE CODE
a
b
c
0810
3.5
2.5
3.0
1010
4.3
2.5
4.0
1014
4.3
2.5
4.0
Fig.3 Recommended solder pad dimensions
280
260
240
220
200
180
160
140
120
100
80
0
50
100
150
200
250
Fig.4 Maximum temperature load during infrared reflow
soldering measured on the soldering pad
t (s)
T
PAD
(°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com