Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7375 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7375
Description  2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7375 Datasheet HTML 6Page - STMicroelectronics TDA7375 Datasheet HTML 7Page - STMicroelectronics TDA7375 Datasheet HTML 8Page - STMicroelectronics TDA7375 Datasheet HTML 9Page - STMicroelectronics TDA7375 Datasheet HTML 10Page - STMicroelectronics TDA7375 Datasheet HTML 11Page - STMicroelectronics TDA7375 Datasheet HTML 12Page - STMicroelectronics TDA7375 Datasheet HTML 13Page - STMicroelectronics TDA7375 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Reliable and safe operation, in presence of all
kinds of short circuit involving the outputs is as-
sured by BUILT-IN protectors. Additionally to the
AC/DC short circuit to GND, to VS, across the
speaker, a SOFT SHORT condition is signalled
out during the TURN-ON PHASE so assuring cor-
rect operation for the device itself and for the
loudspeaker.
This particular kind of protection acts in a way to
avoid that the device is turned on (by ST-BY)
when a resistive path (less than 16 ohms) is pre-
sent between the output and GND. As the in-
volved circuitry is normally disabled when a cur-
rent higher than 5mA is flowing into the ST-BY
pin, it is important, in order not to disable it, to
have the external current source driving the ST-
BY pin limited to 5mA.
This extra function becomes particularly attractive
when, in the single ended configuration, one ca-
pacitor is shared between two outputs (see fig.
21).
Supposing that the output capacitor Cout for any
reason is shorted, the loudspeaker will not be
damaged being this soft short circuit condition re-
vealed.
Diagnostics Facility
The TDA7375 is equipped with a diagnostic cir-
cuitry able to detect the following events:
Clipping in the output signal
Thermal shutdown
Output fault:
– short to GND
– short to VS
– soft short at turn on
The information is available across an open
collector output (pin 10) through a current sink-
ing when the event is detected
A current sinking at pin 10 is triggered when a
certain distortion level is reached at any of the
outputs. This function allows gain compression
possibility whenever the amplifier is overdriven.
Thermal Shutdown
In this case the output 10 will signal the proximity
of the junction temperature to the shutdown
threshold. Typically current sinking at pin 10 will
start ~10
°C before the shutdown threshold is
reached.
HANDLING OF THE DIAGNOSTICS INFORMA-
Figure 21.
Figure 22: Clipping Detection Waveforms
Figure 23: Output Fault Waveforms (see fig. 24)
TDA7375
TDA7375
10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com