Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAL215055152E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL215055152E3
Description  Aluminum Capacitors Radial Miniature, Low Impedance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215055152E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL215055152E3 Datasheet HTML 1Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 2Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 3Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 4Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 5Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 6Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 7Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 28323
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 29-Oct-07
143
150 RMI
Aluminum Capacitors
Radial Miniature, Low Impedance
Vishay BCcomponents
CAPACITANCE (C)
63
47
8 x 12
405
30
0.09
0.342
2.350
58479E3
88479E3
38479E3
100
10 x 12
420
66
0.10
0.270
1.890
58101E3
68101E3
38101E3
150
10 x 16
560
97
0.10
0.190
1.330
58151E3
68151E3
38151E3
220
10 x 20
700
141
0.10
0.150
1.050
58221E3
68221E3
38221E3
330
12.5 x 20
930
211
0.10
0.095
0.670
58331E3
68331E3
38331E3
470
12.5 x 25
1200
299
0.10
0.067
0.470
58471E3
68471E3
38471E3
470
16 x 20
1100
299
0.10
0.074
0.520
98475E3
98476E3
98473E3
680
16 x 20
1100
431
0.10
0.074
0.520
58681E3
68681E3
38681E3
680
16 x 25
1500
431
0.10
0.054
0.380
98685E3
98686E3
98683E3
1000
16 x 31
1900
633
0.10
0.042
0.295
58102E3
68102E3
38102E3
100
22
8 x 12
230
22
0.08
0.68
27.0
59229E3
89229E3
39229E3
330
18 x 20
1700
330
0.07
0.074
2.0
90183E3
90185E3
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 kHz
105
°C
(mA)
IL2
2min
(µA)
tan
δ
100 Hz
Z
100 kHz
+ 20
°C
(
Ω)
Z
100 kHz
- 40
°C
(
Ω)
ORDERING CODE
MAL2150.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 2 minutes at UR
IL2 ≤ 0.01 CR xUR +3 µA
Inductance
Equivalent series inductance (ESL)
Case Ø D
≤ 10 mm
typ. 16 nH
Case Ø D
≥ 12.5 mm
typ. 18 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
δ
max. and CR (see Table 2)
ESR = tan
δ/2 π f C
R
- 60
- 40
- 20
0
20
40
60
80
100
120
140
0.8
1.0
0.9
1.1
1.2
Tamb (°C)
C
C0
C
0 = typical capacitance at 20 °C, 100 Hz
Fig.5 Typical multiplier of capacitance as a function
of ambient temperature
Tamb 20 °C
C
0 = typical capacitance at 20 °C, 100 Hz
10 5
10 4
10 3
10 2
10
f (Hz)
0
0.2
0.4
0.6
0.8
1.0
1.2
C
C0
2
1
Curve 1: U
R ≤ 35 V
Curve 2: U
R ≥ 50 V
Fig.6 Typical multiplier of capacitance as
a function of frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com