Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL1
Description  Optocoupler, Phototransistor Output, with Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL1 Datasheet HTML 1Page - Vishay Siliconix IL1 Datasheet HTML 2Page - Vishay Siliconix IL1 Datasheet HTML 3Page - Vishay Siliconix IL1 Datasheet HTML 4Page - Vishay Siliconix IL1 Datasheet HTML 5Page - Vishay Siliconix IL1 Datasheet HTML 6Page - Vishay Siliconix IL1 Datasheet HTML 7Page - Vishay Siliconix IL1 Datasheet HTML 8Page - Vishay Siliconix IL1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 83612
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 08-May-08
295
IL1/IL2/IL5
Optocoupler, Phototransistor Output,
with Base Connection
Vishay Semiconductors
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
Package power dissipation
Ptot
250
mW
Derate linearly from 25 °C
3.3
mW/°C
Isolation test voltage (between emitter
and detector referred to standard climate
23 °C/50 % RH, DIN 50014)
VISO
5300
VRMS
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Comparative tracking index per
DIN IEC 112/VDE 0303, part 1
CTI
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature
Tstg
- 40 to + 150
°C
Operating temperature
Tamb
- 40 to + 100
°C
Junction temperature
Tj
100
°C
Soldering temperature (2)
2.0 mm from case bottom
Tsld
260
°C
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Breakdown voltage
IR = 10 µA
VBR
6.0
30
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
40
pF
Thermal resistance junction to lead
Rthjl
750
K/W
OUTPUT
Collector emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
6.8
pF
Collector base capacitance
VCB = 5.0 V, f = 1.0 MHz
CCB
8.5
pF
Emitter base capacitance
VEB = 5.0 V, f = 1.0 MHz
CEB
11
pF
Collector emitter leakage voltage
VCE = 10 V
ICEO
5.0
50
nA
Collector emitter saturation voltage
ICE = 1.0 mA, IB = 20 µA
VCEsat
0.25
V
Base emitter voltage
VCE = 10 V, IB = 20 µA
VBE
0.65
V
DC forward current gain
VCE = 10 V, IB = 20 µA
hFE
200
650
1800
DC forward current gain saturated
VCE = 0.4 V, IB = 20 µA
hFEsat
120
400
600
Thermal resistance junction to lead
Rthjl
500
K/W
COUPLER
Capacitance (input to output)
VI-O = 0 V, f = 1.0 MHz
CIO
0.6
pF
Insulation resistance
VI-O = 500 V
RS
1014
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com