Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL2
Description  Optocoupler, Phototransistor Output, with Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL2 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL2 Datasheet HTML 1Page - Vishay Siliconix IL2 Datasheet HTML 2Page - Vishay Siliconix IL2 Datasheet HTML 3Page - Vishay Siliconix IL2 Datasheet HTML 4Page - Vishay Siliconix IL2 Datasheet HTML 5Page - Vishay Siliconix IL2 Datasheet HTML 6Page - Vishay Siliconix IL2 Datasheet HTML 7Page - Vishay Siliconix IL2 Datasheet HTML 8Page - Vishay Siliconix IL2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83612
296
Rev. 1.5, 08-May-08
IL1/IL2/IL5
Vishay Semiconductors
Optocoupler, Phototransistor Output,
with Base Connection
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
(collector emitter saturated)
IF = 10 mA, VCE = 0.4 V
IL1
CTRCEsat
75
%
IL2
CTRCEsat
170
%
IL5
CTRCEsat
100
%
Current transfer ratio
(collector emitter)
IF = 10 mA, VCE = 10 V
IL1
CTRCE
20
80
300
%
IL2
CTRCE
100
200
500
%
IL5
CTRCE
50
130
400
%
Current transfer ratio
(collector base)
IF = 10 mA, VCB = 9.3 V
IL1
CTRCB
0.25
%
IL2
CTRCB
0.25
%
IL5
CTRCB
0.25
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Current time
VCE = 5.0 V, RL = 75 Ω,
tP measured at 50 % of output
IL1
IF
20
mA
IL2
4.0
IL5
10
Delay time
VCE = 5.0 V, RL = 75 Ω,
tP measured at 50 % of output
IL1
tD
0.8
µs
IL2
1.7
IL5
1.7
Rise time
VCE = 5.0 V, RL = 75 Ω,
tP measured at 50 % of output
IL1
tr
1.9
µs
IL2
2.6
IL5
2.6
Storage time
VCE = 5.0 V, RL = 75 Ω,
tP measured at 50 % of output
IL1
ts
0.2
µs
IL2
0.4
IL5
0.4
Fall time
VCE = 5.0 V, RL = 75 Ω,
tP measured at 50 % of output
IL1
tf
1.4
µs
IL2
2.2
IL5
2.2
Propagation H to L
VCE = 5.0 V, RL = 75 Ω,
tP measured at 50 % of output
IL1
tPHL
0.7
µs
IL2
1.2
IL5
1.1
Propagation L to H
VCE = 5.0 V, RL = 75 Ω,
tP measured at 50 % of output
IL1
tPLH
1.4
µs
IL2
2.3
IL5
2.5
SATURATED
Current time
VCE = 0.4 V, RL = 1.0 kΩ,
VCL = 5.0 V, VTH = 1.5 V
IL1
IF
20
mA
IL2
5.0
IL5
10
Delay time
VCE = 0.4 V, RL = 1.0 kΩ,
VCL = 5.0 V, VTH = 1.5 V
IL1
tD
0.8
µs
IL2
1.0
IL5
1.7
Rise time
VCE = 0.4 V, RL = 1.0 kΩ,
VCL = 5.0 V, VTH = 1.5 V
IL1
tr
1.2
µs
IL2
2.0
IL5
7.0
Storage time
VCE = 0.4 V, RL = 1.0 kΩ,
VCL = 5.0 V, VTH = 1.5 V
IL1
tS
7.4
µs
IL2
5.4
IL5
4.6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com