Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7375AH Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7375AH
Description  2 x 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375AH Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7375AH Datasheet HTML 6Page - STMicroelectronics TDA7375AH Datasheet HTML 7Page - STMicroelectronics TDA7375AH Datasheet HTML 8Page - STMicroelectronics TDA7375AH Datasheet HTML 9Page - STMicroelectronics TDA7375AH Datasheet HTML 10Page - STMicroelectronics TDA7375AH Datasheet HTML 11Page - STMicroelectronics TDA7375AH Datasheet HTML 12Page - STMicroelectronics TDA7375AH Datasheet HTML 13Page - STMicroelectronics TDA7375AH Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TION
As different kinds of information is available at the
same pin (clipping detection, output fault, thermal
proximity), this signal must be handled properly in
order to discriminate the event.
This could be done taking into account the differ-
ent timing of the diagnostic output against differ-
ent events.
Normally the clip detector signalling produces a
low level at out 10 that is shorter referred to every
SOFT SHORT
OUT TO Vs SHORT
FAULT DETECTION
CORRECT TURN-ON
OUT TO GND SHORT
t
t
t
ST-BY PIN
VOLTAGE
2V
OUTPUT
WAVEFORM
Vpin 10
CHECK AT TURN-ON
(TEST PHASE)
SHORT TO GND
OR TO Vs
D94AU149A
Figure 24: Fault Waveforms
t
t
t
ST-BY PIN
VOLTAGE
Vs
OUTPUT
WAVEFORM
Vpin 10
WAVEFORM
SHORT TO GND
OR TO Vs
D94AU150
CLIPPING
THERMAL
PROXIMITY
Figure 25: Waveforms
TDA7375A
11/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com