Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7381 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7381
Description  4 x 25W QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7381 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7381 Datasheet HTML 1Page - STMicroelectronics TDA7381 Datasheet HTML 2Page - STMicroelectronics TDA7381 Datasheet HTML 3Page - STMicroelectronics TDA7381 Datasheet HTML 4Page - STMicroelectronics TDA7381 Datasheet HTML 5Page - STMicroelectronics TDA7381 Datasheet HTML 6Page - STMicroelectronics TDA7381 Datasheet HTML 7Page - STMicroelectronics TDA7381 Datasheet HTML 8Page - STMicroelectronics TDA7381 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IN1
0.1
µF
C9
1
µF
IN2
C2 0.1
µF
OUT1
OUT2
IN3
C3 0.1
µF
IN4
C4 0.1
µF
OUT3
OUT4
D94AU179B
C5
0.1
µF
C6
47
µF
SVR
TAB
Vcc1-2
Vcc3-4
C8
0.1
µF
C7
2200
µF
C10
1
µF
ST-BY
R1
10K
R2
47K
MUTE
C1
14
15
12
11
22
4
13
S-GND
16
10
25
1
DIAGNOSTICS
620
9
8
7
5
2
3
17
18
19
21
24
23
Figure 1: Standard Test and Application Circuit
TDA7381
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com