Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL201 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL201
Description  Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL201 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL201 Datasheet HTML 1Page - Vishay Siliconix IL201 Datasheet HTML 2Page - Vishay Siliconix IL201 Datasheet HTML 3Page - Vishay Siliconix IL201 Datasheet HTML 4Page - Vishay Siliconix IL201 Datasheet HTML 5Page - Vishay Siliconix IL201 Datasheet HTML 6Page - Vishay Siliconix IL201 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 83613
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 08-May-08
309
IL201/IL202/IL203
Optocoupler, Phototransistor Output,
Low Input Current, Low Input Current,
with Base Connection
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
Isolation test voltage
t = 1.0 s
VISO
5300
VRMS
Total package dissipation (LED and detector)
Ptot
250
mW
Derate linearly from 25 °C
3.3
mW/°C
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Lead soldering time
≤ 260 °C
10
s
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 20 mA
VF
1.2
1.5
V
IF = 1.0 mA
VF
1.0
1.2
V
Breakdown voltage
IR = 10 µA
VF
6.0
20
V
Reverse current
VR = 6.0 V
IR
0.1
10
µA
OUTPUT
DC forward current gain
VCE = 5.0 V, IC = 100 µA
hFE
100
200
Collector emitter breakdown voltage
IC = 100 µA
BVCEO
70
V
Emitter collector breakdown voltage
IE = 100 µA
BVECO
7.0
10
V
Collector base breakdown voltage
IC = 10 µA
BVCBO
70
90
V
Leakage current collector emitter
VCE = 10 V, TA = 25 °C
ICEO
5.0
50
nA
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio (collector to base)
IF = 10 mA, VCB = 10 V
CTRCB
15
%
IF = 10 mA, IC = 2.0 mA
CTRCB
40
%
DC current transfer ratio
IF = 10 mA, VCB = 10 V
IL201
CTRDC
75
100
150
%
IL202
CTRDC
125
200
250
%
IL203
CTRDC
225
300
450
%
IF = 1.0 mA, VCE = 10 V
IL201
CTRDC
10
%
IL202
CTRDC
30
%
IL203
CTRDC
50
%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com