Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL223AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL223AT
Description  Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL223AT Datasheet(HTML) 3 Page - Vishay Siliconix

  IL223AT Datasheet HTML 1Page - Vishay Siliconix IL223AT Datasheet HTML 2Page - Vishay Siliconix IL223AT Datasheet HTML 3Page - Vishay Siliconix IL223AT Datasheet HTML 4Page - Vishay Siliconix IL223AT Datasheet HTML 5Page - Vishay Siliconix IL223AT Datasheet HTML 6Page - Vishay Siliconix IL223AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83617
332
Rev. 1.8, 08-May-08
IL221AT/222AT/223AT
Vishay Semiconductors
Optocoupler, Photodarlington Output,
Low Input Current, High Gain, with Base
Connection
Note
As per IEC 60747-5-2, § 7.4.3.8.1, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 2 - Peak LED Current vs. Duty Factor,
τ
Fig. 3 - Normalized CTRcb vs. IF
Fig. 4 - Normalized CTRCE vs. LED Current
TSI
165
°C
Creepage distance
4
mm
Clearance distance
4
mm
Insulation thickness, reinforced rated
per IEC 60950 2.10.5.1
0.2
mm
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
iil221at_01
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current (mA)
TA= - 55 °C
TA= 100 °C
TA= 25 °C
iil221at_02
10-6 10-5 10-4 10-3 10-2 10-1 100 101
10 000
1000
100
10
t- LED Pulse Duration (s)
τ
0.005
0.05
0.02
0.01
0.1
0.2
t
DF = /t
Duty Factor
0.5
iil221at_03
0.1
10
100
3
2
1
0
IF - LED Current (mA)
Normalized to:
IF = 1 mA, TA = 25 °C
VCB = 10 V
TA= - 20 °C
TA= 25 °C
TA= 50 °C
TA= 70 °C
0
iil221at_04
IF - LED Current (mA)
0.1
1
10
100
0.1
1
10
100
Normalized to:
IF = 1 mA, VCE =5 V
TA= 25 °C
TA= - 20 °C
TA= 25 °C
TA= 50 °C
TA= 70 °C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com